Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NE5019F Datasheet(PDF) 5 Page - NXP Semiconductors

Part # NE5019F
Description  8-Bit mp-compatible D/A converter
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

NE5019F Datasheet(HTML) 5 Page - NXP Semiconductors

  NE5019F Datasheet HTML 1Page - NXP Semiconductors NE5019F Datasheet HTML 2Page - NXP Semiconductors NE5019F Datasheet HTML 3Page - NXP Semiconductors NE5019F Datasheet HTML 4Page - NXP Semiconductors NE5019F Datasheet HTML 5Page - NXP Semiconductors NE5019F Datasheet HTML 6Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Philips Semiconductors Linear Products
Product specification
NE/SE5018/5019
8-Bit
µp-compatible D/A converter
August 31, 1994
755
0.47
µF
Figure 4. Bipolar Output Operation (–5 to +5V)
MSB
LSB
10k
10T
80k
9 8 7 6 5 4 3 2
19
1
22
18
20
21
15
17
16
12
13
14
10
DAC
COMP
BIP OFFSET
5018
COMP
AMP
SUM
ANA GND
DIG GND
LE
VREF IN
VREF OUT
VREF ADJ
VOUT
VCC+
0.01
µF
0.1
µF
VCC–
OUTPUT
2k
22pF
1N914
100pF
1M
VCC+
20k
10T
ZERO SCALE
ADJUST
VCC–
OUTPUT
Figure 5. Settling Time and Propagation Delay,
Low-to-High Data
tSLH
tPLH
1LSB
DATA
10V
0V
LE = LOW
Figure 6. Settling Time and Propagation Delay,
High-to-Low Data
LE = LOW
tSHL
OUTPUT
10V
0V
1LSB
tPHL
DATA
Figure 7. Propagation Delay, Latch Enable to Output
LE
DATA
tPLH
OUTPUT
10V
0V
Figure 8. Propagation Delay, Latch Enable to Output
LE
DATA
tPHL
tPHL
OUTPUT
10V
0V



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com