Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NE5019F Datasheet(PDF) 1 Page - NXP Semiconductors

Part # NE5019F
Description  8-Bit mp-compatible D/A converter
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

NE5019F Datasheet(HTML) 1 Page - NXP Semiconductors

  NE5019F Datasheet HTML 1Page - NXP Semiconductors NE5019F Datasheet HTML 2Page - NXP Semiconductors NE5019F Datasheet HTML 3Page - NXP Semiconductors NE5019F Datasheet HTML 4Page - NXP Semiconductors NE5019F Datasheet HTML 5Page - NXP Semiconductors NE5019F Datasheet HTML 6Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Philips Semiconductors Linear Products
Product specification
NE/SE5018/5019
8-Bit
µp-compatible D/A converter
751
August 31, 1994
853-0845 13721
DESCRIPTION
The NE/SE5018/19 is a complete 8-bit digital-to-analog converter
subsystem on one monolithic chip. The data inputs have input
latches which are controlled by a latch enable pin. The data and
latch enable inputs are ultra-low loading for easy interfacing with all
logic systems. The latches appear transparent when the LE input is
in the low state. When LE goes high, the input data present at the
moment of transition is latched and retained until LE again goes low.
This feature allows easy compatibility with most microprocessors.
The chip also comprises a stable voltage reference (5V nominal)
and high slew rate buffer amplifier. The voltage reference may be
externally trimmed with a potentiometer for easy adjustment of
full-scale while maintaining a low temperature coefficient.
The output of the buffer amplifier may be offset so as to provide
bipolar as well as unipolar operation.
FEATURES
• 8-bit resolution
• Input latches
• Low-loading data inputs
• On-chip voltage reference
• Output buffer amplifier
• Accurate to ± LSB (0.19%)
• Monotonic to 8 bits
• Amplifier and reference both short-circuit protected
• Compatible with 8085, 6800 and many other µPs
APPLICATIONS
• Precision 8-bit D/A converters
• A/D converters
• Programmable power supplies
• Test equipment
• Measuring instruments
• Analog-digital multiplication
PIN CONFIGURATIONS
1
2
3
4
5
6
7
8
9
10
11
12
13
14
24
23
22
21
20
19
18
17
16
15
1
2
3
4
5
6
7
8
9
10
13
14
15
16
22
21
20
19
18
17
F, N Packages
D Package1
NOTE:
1. SOL and non-standard pinout
11
12
DIGITAL GND
DB0(LSB)
DB1
DB2
DB3
DB4
DB5
DB6
DB7(MSB)
NC
ANALOG GND
AMP COMP
SUM MODE
DAC COMP
BIPOLAR
OFFSET R
LE
VCC+
VOUT
VCC–
VREFIN
VREFOUT
VREFADJ
DIGITAL GND
DB0(LSB)
DB1
DB2
DB3
DB4
DB5
DB6
DB7(MSB)
NC
ANALOG GND
AMP COMP
SUM MODE
DAC COMP
BIPOLAR
OFFSET
LE
VCC+
VOUT
VCC–
VREFIN
VREFOUT
VREFADJ
NC
NC
ORDERING INFORMATION
DESCRIPTION
TEMPERATURE RANGE
ORDER CODE
DWG #
22-Pin Ceramic Dual In-Line Package (CERDIP)
0 to +70
°C
NE5018/5019F
0585B
22-Pin Ceramic Dual In-Line Package (CERDIP)
-55
°C to +125°C
SE5018/5019F
0585B
22-Pin Plastic Dual In-Line Package (DIP)
0 to +70
°C
NE5018/5019N
0409B
22-Pin Plastic Dual In-Line Package (DIP)
-55
°C to +125°C
SE5018/5019N
0409B
24-Pin Small Outline Large (SOL) Package
0 to +70
°C
NE5018/5019D
0173D


Similar Part No. - NE5019F

ManufacturerPart #DatasheetDescription
logo
NEC
NE500100 NEC-NE500100 Datasheet
41Kb / 6P
1 W C-BAND POWER GaAs FET N-CHANNEL GaAs MES FET
NE500199 NEC-NE500199 Datasheet
41Kb / 6P
1 W C-BAND POWER GaAs FET N-CHANNEL GaAs MES FET
logo
NXP Semiconductors
NE5008 PHILIPS-NE5008 Datasheet
227Kb / 12P
8-Bit high-speed multiplying D/A converter
August 31, 1994
NE5020 PHILIPS-NE5020 Datasheet
99Kb / 10P
10-Bit mP-compatible D/A converter
August 31, 1994
NE5020F PHILIPS-NE5020F Datasheet
99Kb / 10P
10-Bit mP-compatible D/A converter
August 31, 1994
More results

Similar Description - NE5019F

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC0841 NSC-ADC0841 Datasheet
380Kb / 16P
8-Bit P Compatible A/D Converter
DAC0890 NSC-DAC0890 Datasheet
218Kb / 12P
Dual 8-bit mP-Compatible Digital-to-Analog Converter
logo
NXP Semiconductors
ADC0820 PHILIPS-ADC0820 Datasheet
107Kb / 14P
8-Bit, high-speed, mP-compatible A/D converter with track/hold function
August 31, 1994
NE5020 PHILIPS-NE5020 Datasheet
99Kb / 10P
10-Bit mP-compatible D/A converter
August 31, 1994
logo
Maxim Integrated Produc...
MAX160 MAXIM-MAX160 Datasheet
462Kb / 12P
關P Compatible 8 Bit A/D Converter
logo
List of Unclassifed Man...
ZN448 ETC-ZN448 Datasheet
289Kb / 18P
8-BIT MICROPROCESSOR COMPATIBLE A-D CONVERTER
ADC-847 ETC2-ADC-847 Datasheet
184Kb / 4P
MICROPROCESSOR-COMPATIBLE 8-BIT A/D CONVERTER
logo
Cadeka Microcircuits LL...
SPT574 CADEKA-SPT574 Datasheet
490Kb / 12P
FAST, COMPLETE 12-BIT mP COMPATIBLE A/D CONVERTER WITH SAMPLE/HOLD
SPT674 CADEKA-SPT674 Datasheet
422Kb / 11P
FAST, COMPLETE 12-BIT mP COMPATIBLE A/D CONVERTER WITH SAMPLE/HOLD
logo
List of Unclassifed Man...
ADC-8208 ETC-ADC-8208 Datasheet
185Kb / 1P
MICROPROCESSOR-COMPATIBLE 8-BIT CMOS A/D CONVERTER
Rev. A
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com