Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPT574 Datasheet (PDF) - Cadeka Microcircuits LLC.

SPT574 Datasheet PDF - Cadeka Microcircuits LLC.
Part # SPT574
Download  SPT574 Download
File Size   490.91 Kbytes
Page   12 Pages
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.
Description FAST, COMPLETE 12-BIT mP COMPATIBLE A/D CONVERTER WITH SAMPLE/HOLD

SPT574 Datasheet (PDF)

Go To PDF Page Download Datasheet
SPT574 Datasheet PDF - Cadeka Microcircuits LLC.

Part # SPT574
Download  SPT574 Click to download

File Size   490.91 Kbytes
Page   12 Pages
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.
Description FAST, COMPLETE 12-BIT mP COMPATIBLE A/D CONVERTER WITH SAMPLE/HOLD

SPT574 Datasheet (HTML) - Cadeka Microcircuits LLC.


SPT574 Product details

GENERAL DESCRIPTION
The SPT574 is a complete, 12-bit successive approximation A/D converter manufactured in CMOS technology. The device is an improved version of the HADC574Z. Included on chip are an internal reference, clock, and a sample-and-hold. The S/H is an additional feature not available on similar devices.

FEATURES
• Improved Version of the HADC574Z
• Complete 12-Bit A/D Converter with Sample/Hold, Reference and Clock
• Low Power Dissipation (100 mW Max)
• 12-Bit Linearity (Over Temp)
• 25 µs Max Conversion Time
• Single +5 V Supply
• Full Bipolar and Unipolar Input Range

APPLICATIONS
• Data Acquisition Systems
• 8 or 12-Bit µP Input Functions
• Process Control Systems
• Test and Scientific Instruments
• Personal Computer Interface




Similar Part No. - SPT574

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SPT574 ETC1-SPT574 Datasheet
117Kb / 12P
FAST, COMPLETE 12-BIT uP COMPATIBLE A/D CONVERTER WITH SAMPLE/HOLD
SPT574BCJ ETC1-SPT574BCJ Datasheet
117Kb / 12P
FAST, COMPLETE 12-BIT uP COMPATIBLE A/D CONVERTER WITH SAMPLE/HOLD
SPT574BCN ETC1-SPT574BCN Datasheet
117Kb / 12P
FAST, COMPLETE 12-BIT uP COMPATIBLE A/D CONVERTER WITH SAMPLE/HOLD
SPT574BCS ETC1-SPT574BCS Datasheet
117Kb / 12P
FAST, COMPLETE 12-BIT uP COMPATIBLE A/D CONVERTER WITH SAMPLE/HOLD
SPT574CCJ ETC1-SPT574CCJ Datasheet
117Kb / 12P
FAST, COMPLETE 12-BIT uP COMPATIBLE A/D CONVERTER WITH SAMPLE/HOLD
More results


Similar Description - SPT574

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC1241 NSC-ADC1241 Datasheet
268Kb / 14P
Self-Calibrating 12-Bit Plus Sign mP-Compatible A/D Converter with Sample-and-Hold
logo
NXP Semiconductors
ADC0820 PHILIPS-ADC0820 Datasheet
107Kb / 14P
8-Bit, high-speed, mP-compatible A/D converter with track/hold function
August 31, 1994
NE5020 PHILIPS-NE5020 Datasheet
99Kb / 10P
10-Bit mP-compatible D/A converter
August 31, 1994
logo
List of Unclassifed Man...
ADC-HS12 ETC-ADC-HS12 Datasheet
251Kb / 4P
12 BIT A/D CONVERTER WITH SAMPLE HOLD
SPT774 ETC-SPT774 Datasheet
113Kb / 12P
FAST, COMPLETE 12-BIT UP COMPATIBLE A/D CONVERTER WITH SAMPLE/HOLD
SPT674 ETC1-SPT674 Datasheet
87Kb / 12P
FAST, COMPLETE 12-BIT uP COMPATIBLE A/D CONVERTER WITH SAMPLE/HOLD
SPT574 ETC1-SPT574 Datasheet
117Kb / 12P
FAST, COMPLETE 12-BIT uP COMPATIBLE A/D CONVERTER WITH SAMPLE/HOLD
logo
Cadeka Microcircuits LL...
SPT674 CADEKA-SPT674 Datasheet
422Kb / 11P
FAST, COMPLETE 12-BIT mP COMPATIBLE A/D CONVERTER WITH SAMPLE/HOLD
SPT774 CADEKA-SPT774 Datasheet
519Kb / 12P
FAST, COMPLETE 12-BIT mP COMPATIBLE A/D CONVERTER WITH SAMPLE/HOLD
logo
Texas Instruments
ADC12040 TI1-ADC12040 Datasheet
1Mb / 29P
12-Bit, 40 MSPS, 340mW A/D Converter with Internal Sample-and-Hold
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com