Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPT574 Datasheet(PDF) 2 Page - Cadeka Microcircuits LLC.

Part # SPT574
Description  FAST, COMPLETE 12-BIT mP COMPATIBLE A/D CONVERTER WITH SAMPLE/HOLD
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

SPT574 Datasheet(HTML) 2 Page - Cadeka Microcircuits LLC.

  SPT574 Datasheet HTML 1Page - Cadeka Microcircuits LLC. SPT574 Datasheet HTML 2Page - Cadeka Microcircuits LLC. SPT574 Datasheet HTML 3Page - Cadeka Microcircuits LLC. SPT574 Datasheet HTML 4Page - Cadeka Microcircuits LLC. SPT574 Datasheet HTML 5Page - Cadeka Microcircuits LLC. SPT574 Datasheet HTML 6Page - Cadeka Microcircuits LLC. SPT574 Datasheet HTML 7Page - Cadeka Microcircuits LLC. SPT574 Datasheet HTML 8Page - Cadeka Microcircuits LLC. SPT574 Datasheet HTML 9Page - Cadeka Microcircuits LLC. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
SPT574
ELECTRICAL SPECIFICATIONS
TA = TMIN to TMAX, VEE = 0 to +5 V, VDD = +5 V, fS = 40 kHz, fIN = 10 kHz, unless otherwise specified.
TEST
TEST
SPT574C
SPT574B
PARAMETER
CONDITIONS
LEVEL
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
DC ELECTRICAL CHARACTERISTICS
Resolution
VI
12
12
Bits
Linearity Error
TA= 0 to +70 °CVI
±1
±0.5
LSB
Differential Linearity
No Missing Codes
VI
12
12
Bits
Unipolar Offset; 10 V, 20 V
+25
°C Adjustable to Zero
VI
±2
±2
LSB
Bipolar Offset;
±5 V, ±10 V
+25
°C Adjustable to Zero
VI
±10
±4
LSB
Full Scale Calibration Error1
+25
°C Adjustable to Zero
VI
0.3
0.3
% of FS
Full Scale Calibration Error1
No Adjustment to Zero
TA = 0 to +70 °C
V
0.47
0.37
% of FS
Temperature Coefficients
Using Internal Reference
Unipolar Offset
V
±1.0
±1.0
ppm/
°C
Bipolar Offset
V
±2.0
±2.0
ppm/
°C
Full Scale Calibration
V
±12
±12
ppm/
°C
Power Supply Rejection
Max Change in Full
VI
±0.5
±0.5
LSB
+4.75 V<VDD<+5.25 V
Scale Calibration
Analog Input Ranges
Bipolar
VI
-5
+5
-5
+5
Volts
VI
-10
+10
-10
+10
Volts
Unipolar
VI
0
+10
0
+10
Volts
VI
0
+20
0
+20
Volts
Input Impedance
10 Volt Span
VI
15
21
15
21
k
Ω
20 Volt Span
VI
60
84
60
84
k
Ω
ABSOLUTE MAXIMUM RATINGS (Beyond which damage may occur) 1 25
°C
Note:
Operation at any Absolute Maximum Rating is not implied. See Operating Conditions for proper nominal applied
conditions in typical applications.
Output
Reference Output Voltage .............. Indefinite Short to GND
Momentary Short to VDD
Temperature
Operating Temperature, Ambient .................... 0 to +70
°C
Junction ......................... +165
°C
Lead Temperature, (Soldering 10 Seconds) ........... +300
°C
Storage Temperature .................................... -65 to +150
°C
Supply Voltages
Mode Control Voltage (VEE to DGND) .................... 0 to +7 V
Logic Supply Voltage (VDD to DGND) ...................0 to +7 V
Analog to Digital Ground (AGND to DGND) .................
±1 V
Input Voltages
Control Input Voltages (to DGND)
(CE, CS, Ao, 12/8, R/C) ......................... -0.5 to VDD +0.5 V
Analog Input Voltage (to AGND)
(REF IN, BIP OFF, 10 VIN) ...................................... ±16.5 V
20 V VIN Input Voltage (to AGND) .............................. ±24 V
2
8/1/00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com