Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPT574 Datasheet(PDF) 6 Page - Cadeka Microcircuits LLC.

Part # SPT574
Description  FAST, COMPLETE 12-BIT mP COMPATIBLE A/D CONVERTER WITH SAMPLE/HOLD
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

SPT574 Datasheet(HTML) 6 Page - Cadeka Microcircuits LLC.

Back Button SPT574 Datasheet HTML 2Page - Cadeka Microcircuits LLC. SPT574 Datasheet HTML 3Page - Cadeka Microcircuits LLC. SPT574 Datasheet HTML 4Page - Cadeka Microcircuits LLC. SPT574 Datasheet HTML 5Page - Cadeka Microcircuits LLC. SPT574 Datasheet HTML 6Page - Cadeka Microcircuits LLC. SPT574 Datasheet HTML 7Page - Cadeka Microcircuits LLC. SPT574 Datasheet HTML 8Page - Cadeka Microcircuits LLC. SPT574 Datasheet HTML 9Page - Cadeka Microcircuits LLC. SPT574 Datasheet HTML 10Page - Cadeka Microcircuits LLC. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
SPT574
CIRCUIT OPERATION
The SPT574 is a complete 12-bit analog-to-digital converter
that consists of a single chip version of the industry standard
574. This single chip contains a precision 12-bit capacitor
digital-to-analog converter (CDAC) with voltage reference,
comparator, successive approximation register (SAR), sample-
and-hold, clock, output buffers and control circuitry to make it
possible to use the SPT574 with few external components.
When the control section of the SPT574 initiates a conversion
command, the clock is enabled and the successive-approxi-
mation register is reset to all zeros. Once the conversion
cycle begins, it cannot be stopped or restarted and data is not
available from the output buffers.
The SAR, timed by the clock, sequences through the conver-
sion cycle and returns an end-of-convert flag to the control
section of the ADC. The clock is then disabled by the control
section, the output status goes low, and the control section is
enabled to allow the data to be read by external command.
The internal SPT574 12-bit CDAC is sequenced by the SAR
starting from the MSB to the LSB at the beginning of the
conversion cycle to provide an output voltage from the CDAC
that is equal to the input signal voltage (which is divided by the
input voltage divider network). The comparator determines
whether the addition of each successively-weighted bit volt-
age causes the CDAC output voltage summation to be
greater or less than the input voltage; if the sum is less, the
bit is left on; if more, the bit is turned off. After testing all the
bits, the SAR contains a 12-bit binary code which accurately
represents the input signal to within
±1/2 LSB.
The internal reference provides the voltage reference to the
CDAC with excellent stability over temperature and time. The
reference is trimmed to 2.5 volts and can supply at least
0.5 mA to an external load. Any external load on the SPT574
reference must remain constant during conversion.
The sample-and-hold feature is a bonus of the CDAC archi-
tecture. Therefore the majority of the S/H specifications are
included within the A/D specifications.
Although the sample-and-hold circuit is not implemented in
the classical sense, the sampling nature of the capacitive
DAC makes the SPT574 appear to have a built-in sample-
and-hold. This sample-and-hold action substantially in-
creases the signal bandwidth of the SPT574 over that of
similar competing devices.
Note that even though the user may use an external sample-
and-hold for very high frequency inputs, the internal sample-
and-hold still provides a very useful isolation function. Once
the internal sample is taken by the CDAC capacitance, the
input of the SPT574 is disconnected from the user’s sample-
and-hold. This prevents transients occurring during conver-
sion from affecting the attached sample-and-hold buffer. All
other 574 circuits will cause a transient load current on the
sample-and-hold which will upset the buffer output and may
add error to the conversion itself.
Furthermore, the isolation of the input after the acquisition
time in the SPT574 allows the user an opportunity to release
the hold on an external sample-and-hold and start it tracking
the next sample. This increases system throughput with the
user’s existing components.
TYPICAL INTERFACE CIRCUIT
The SPT574 is a complete A/D converter that is fully opera-
tional when powered up and issued a Start Convert Signal.
Only a few external components are necessary as shown in
figures 5 and 6. The two typical interface circuits are for
operating the SPT574 in either an unipolar or bipolar input
mode. Information on these connections and on conditions
concerning board layout to achieve the best operation are
discussed below.
For each application of this device, strict attention must be
given to power supply decoupling, board layout (to reduce
pickup between analog and digital sections), and grounding.
Digital timing, calibration and the analog signal source must
be considered for correct operation.
POWER SUPPLIES
The supply voltage for the SPT574 must be kept as quiet as
possible from noise pickup and also regulated from transients
or drops. Because the part has 12-bit accuracy, voltage
spikes on the supply lines can cause several LSB deviations
on the output. Switching power supply noise can be a
problem. Careful filtering and shielding should be employed
to prevent the noise from being picked up by the converter.
VDD should be bypassed with a 10 µF tantalum capacitor
located close to the converter to filter noise and counter the
problems caused by the variations in supply current. VEE is
only used as a logic input and is immune to typical supply
variation.
GROUNDING CONSIDERATIONS
Resistance of any path between the analog and digital
grounds should be as low as possible to accommodate the
ground currents present with this device.
To achieve specified accuracy, a double-sided printed circuit
board with a copper ground plane on the component side is
recommended. Keep analog signal traces away from digital
lines. It is best to lay the PC board out such that there is an
analog section and a digital section with a single point ground
connection between the two through an RF bead located as
close to the device as possible. If possible, run analog signals
between ground traces and cross digital lines at right angles
only.
6
8/1/00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com