Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NE5209D Datasheet(PDF) 2 Page - NXP Semiconductors

Part # NE5209D
Description  Wideband variable gain amplifier
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

NE5209D Datasheet(HTML) 2 Page - NXP Semiconductors

  NE5209D Datasheet HTML 1Page - NXP Semiconductors NE5209D Datasheet HTML 2Page - NXP Semiconductors NE5209D Datasheet HTML 3Page - NXP Semiconductors NE5209D Datasheet HTML 4Page - NXP Semiconductors NE5209D Datasheet HTML 5Page - NXP Semiconductors NE5209D Datasheet HTML 6Page - NXP Semiconductors NE5209D Datasheet HTML 7Page - NXP Semiconductors NE5209D Datasheet HTML 8Page - NXP Semiconductors NE5209D Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
Philips Semiconductors
Product specification
NE/SA5209
Wideband variable gain amplifier
2
1990 Aug 20
853-1453 00223
DESCRIPTION
The NE5209 represents a breakthrough in monolithic amplifier
design featuring several innovations. This unique design has
combined the advantages of a high speed bipolar process with the
proven Gilbert architecture.
The NE5209 is a linear broadband RF amplifier whose gain is
controlled by a single DC voltage. The amplifier runs off a single 5
volt supply and consumes only 40mA. The amplifier has high
impedance (1k
Ω) differential inputs. The output is 50Ω differential.
Therefore, the 5209 can simultaneously perform AGC, impedance
transformation, and the balun functions.
The dynamic range is excellent over a wide range of gain setting.
Furthermore, the noise performance degrades at a comparatively
slow rate as the gain is reduced. This is an important feature when
building linear AGC systems.
FEATURES
• Gain to 1.5GHz
• 850MHz bandwidth
• High impedance differential input
• 50Ω differential output
• Single 5V power supply
• 0 - 1V gain control pin
• >60dB gain control range at 200MHz
• 26dB maximum gain differential
• Exceptional V
CONTROL / VGAIN linearity
• 7dB noise figure minimum
• Full ESD protection
• Easily cascadable
PIN CONFIGURATION
N, D PACKAGES
OUTA
VCC1
INA
GND2
VCC2
GND1
GND1
GND2
1
2
3
4
5
6
7
8
9
10
11
12
13
14
16
15
INB
GND1
VBG
VAGC
OUTB
GND2
GND2
GND2
SR00237
Figure 1. Pin Configuration
APPLICATIONS
• Linear AGC systems
• Very linear AM modulator
• RF balun
• Cable TV multi-purpose amplifier
• Fiber optic AGC
• RADAR
• User programmable fixed gain block
• Video
• Satellite receivers
• Cellular communications
ORDERING INFORMATION
DESCRIPTION
TEMPERATURE RANGE
ORDER CODE
DWG #
16-Pin Plastic Small Outline (SO) package
0 to +70
°C
NE5209D
SOT109-1
16-Pin Plastic Dual In-Line Package (DIP)
0 to +70
°C
NE5209N
SOT28-4
16-Pin Plastic Small Outline (SO) package
-40 to +85
°C
SA5209D
SOT109-1
16-Pin Plastic Dual In-Line Package (DIP)
-40 to +85
°C
SA5209N
SOT28-4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com