Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NE5209D Datasheet(PDF) 4 Page - NXP Semiconductors

Part # NE5209D
Description  Wideband variable gain amplifier
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

NE5209D Datasheet(HTML) 4 Page - NXP Semiconductors

  NE5209D Datasheet HTML 1Page - NXP Semiconductors NE5209D Datasheet HTML 2Page - NXP Semiconductors NE5209D Datasheet HTML 3Page - NXP Semiconductors NE5209D Datasheet HTML 4Page - NXP Semiconductors NE5209D Datasheet HTML 5Page - NXP Semiconductors NE5209D Datasheet HTML 6Page - NXP Semiconductors NE5209D Datasheet HTML 7Page - NXP Semiconductors NE5209D Datasheet HTML 8Page - NXP Semiconductors NE5209D Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
Philips Semiconductors
Product specification
NE/SA5209
Wideband variable gain amplifier
1990 Aug 20
4
DC ELECTRICAL CHARACTERISTICS
TA = 25oC, VCC1 = VCC2 = +5.0V, VAGC = 1.0V, unless otherwise specified.
SYMBOL
PARAMETER
TEST CONDITIONS
LIMITS
UNIT
SYMBOL
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
RBG
Bandgap loading
Over temperature1
2
10
k
Ω
VAGC
AGC DC control voltage range
Over temperature1
0-1.3
V
IBAGC
AGC pin DC bias current
0V<VAGC<1.3V
-0.7
-6
µA
IBAGC
AGC pin DC bias current
Over temperature1
-10
µA
NOTES:
1. “Over Temperature Range” testing is as follows:
NE is 0 to +70
°C
SA is -40 to +85
°C
At the time of this data sheet release, the D package over-temperature data sheet limits are guaranteed via guardbanded room temperature
testing only.
AC ELECTRICAL CHARACTERISTICS
TA = 25oC, VCC1 = VCC2 = +5.0V, VAGC = 1.0V, unless otherwise specified.
SYMBOL
PARAMETER
TEST CONDITIONS
LIMITS
UNIT
SYMBOL
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
BW
-3dB bandwidth
600
850
MHz
BW
-3dB bandwidth
Over temperature1
500
MHz
GF
Gain flatness
DC - 500MHz
+0.4
dB
GF
Gain flatness
Over temperature1
+0.6
dB
VIMAX
Maximum input voltage swing (single-ended) for
linear operation2
200
mVP-P
VOMAX
Maximum output voltage swing (single-ended)
RL = 50Ω
400
mVP-P
VOMAX
for linear operation2
RL = 1kΩ
1.9
VP-P
NF
Noise figure (unmatched configuration)
RS = 50Ω, f = 50MHz
9.3
dB
VIN-EQ
Equivalent input noise voltage spectral density
f = 100MHz
2.5
nV/
√Hz
S12
Reverse isolation
f = 100MHz
-60
dB
∆G/∆VCC
Gain supply sensitivity (single-ended)
0.3
dB/V
∆G/∆T
Gain temperature sensitivity
RL = 50Ω
0.013
dB/
°C
CIN
Input capacitance (single-ended)
2
pF
BWAGC
-3dB bandwidth of gain control function
20
MHz
PO-1dB
1dB gain compression point at output
f = 100MHz
-3
dBm
PI-1dB
1dB gain compression point at input
f = 100MHz, VAGC
=0.1V
-10
dBm
IP3OUT
Third-order intercept point at output
f = 100MHz, VAGC
>0.5V
+13
dBm
IP3IN
Third-order intercept point at input
f = 100MHz, VAGC
<0.5V
+5
dBm
∆GAB
Gain match output A to output B
f = 100MHz, VAGC = 1V
0.1
dB
NOTE:
1. “Over Temperature Range” testing is as follows:
NE is 0 to +70
°C
SA is -40 to +85
°C
At the time of this data sheet release, the D package over-temperature data sheet limits are guaranteed via guardbanded room temperature
testing only.
2. With RL > 1kΩ, overload occurs at input for single-ended gain < 13dB and at output for single-ended gain > 13dB. With RL = 50Ω, overload
occurs at input for single-ended gain < 6dB and at output for single-ended gain > 6dB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com