Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NE522 Datasheet(PDF) 1 Page - NXP Semiconductors

Part # NE522
Description  High-speed dual-differential comparator/sense amp
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

NE522 Datasheet(HTML) 1 Page - NXP Semiconductors

  NE522 Datasheet HTML 1Page - NXP Semiconductors NE522 Datasheet HTML 2Page - NXP Semiconductors NE522 Datasheet HTML 3Page - NXP Semiconductors NE522 Datasheet HTML 4Page - NXP Semiconductors NE522 Datasheet HTML 5Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Philips Semiconductors Linear Products
Product specification
NE522
High-speed dual-differential comparator/sense amp
310
August 31, 1994
853-0901 13721
FEATURES
• 15ns maximum guaranteed propagation delay
• 20µA maximum input bias current
• TTL-compatible strobes and outputs
• Large common-mode input voltage range
• Operates from standard supply voltages
APPLICATIONS
• MOS memory sense amp
• A-to-D conversion
• High-speed line receiver
PIN CONFIGURATION
INPUT 1A
INPUT 1B
NC
V+
V-
INPUT 2A
INPUT 2B
OUTPUT 1Y
STROBE 1G
GROUND
NC
OUTPUT 2Y
STROBE 2G
D, N Packages
STROBE S
1
2
3
4
5
6
7
14
13
12
11
10
9
8
Top View
BLOCK DIAGRAM
(1)
(2)
(4)
(5)
(6)
(12)
(11)
(9)
(8)
INPUT 1A
INPUT 1B
OUTPUT 1Y
STROBE
STROBE
1G
S
INPUT 2A
INPUT 2B
OUTPUT 2Y
STROBE 2G
ORDERING INFORMATION
DESCRIPTION
TEMPERATURE RANGE
ORDER CODE
DWG #
14-Pin Plastic DIP
0 to +70
°C
NE522N
0405B
14-Pin Plastic SO
0 to +70
°C
NE522D
0175D
ABSOLUTE MAXIMUM RATINGS
SYMBOL
PARAMETER
RATING
UNITS
V+
V–
Single supply voltage
Positive
Negative
+7
-7
V
V
VIDR
Differential input voltage
+6
V
VIN
Input voltage
Common-mode
Strobe/gate
+ 5
+5.25
V
V
PD
Power dissipation
600
mW
TA
Operating temperature range NE522
0 to 70
°C
TSTG
Storage temperature range
-65 to +150
°C
TSOLD
Lead soldering temperature (10sec max)
+300
°C


Similar Part No. - NE522

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NE522 ONSEMI-NE522 Datasheet
69Kb / 8P
High-Speed Dual-Differential Comparator/Sense Amp
June, 2004 ??Rev. 0
NE522D ONSEMI-NE522D Datasheet
69Kb / 8P
High-Speed Dual-Differential Comparator/Sense Amp
June, 2004 ??Rev. 0
NE522DR2 ONSEMI-NE522DR2 Datasheet
69Kb / 8P
High-Speed Dual-Differential Comparator/Sense Amp
June, 2004 ??Rev. 0
NE522N ONSEMI-NE522N Datasheet
69Kb / 8P
High-Speed Dual-Differential Comparator/Sense Amp
June, 2004 ??Rev. 0
More results

Similar Description - NE522

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM160 NSC-LM160 Datasheet
230Kb / 7P
High Speed Differential Comparator
logo
Texas Instruments
TL714C TI-TL714C Datasheet
62Kb / 4P
HIGH-SPEED DIFFERENTIAL COMPARATOR
logo
NXP Semiconductors
NE521 PHILIPS-NE521 Datasheet
96Kb / 8P
High-speed dual-differential comparator/sense amp
2001 Aug 03
logo
Fairchild Semiconductor
UA760 FAIRCHILD-UA760 Datasheet
368Kb / 7P
HIGH SPEED DIFFERENTIAL COMPARATOR
logo
National Semiconductor ...
MNLM711AM-X NSC-MNLM711AM-X Datasheet
251Kb / 8P
DUAL HIGH SPEED DIFFERENTIAL COMPARATOR
LM760 NSC-LM760 Datasheet
197Kb / 10P
High Speed Differential Comparator
logo
ON Semiconductor
NE521 ONSEMI-NE521 Datasheet
123Kb / 7P
High?뭆peed Dual?묭ifferential Comparator/Sense Amp
October, 2006 ??Rev. 4
logo
Texas Instruments
TL714C TI-TL714C_06 Datasheet
169Kb / 7P
HIGH-SPEED DIFFERENTIAL COMPARATOR
logo
Austin Semiconductor
AS161 AUSTIN-AS161 Datasheet
757Kb / 8P
High Speed Differential Comparator
logo
ON Semiconductor
NE522 ONSEMI-NE522 Datasheet
69Kb / 8P
High-Speed Dual-Differential Comparator/Sense Amp
June, 2004 ??Rev. 0
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com