Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NE522 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # NE522
Description  High-speed dual-differential comparator/sense amp
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

NE522 Datasheet(HTML) 3 Page - NXP Semiconductors

  NE522 Datasheet HTML 1Page - NXP Semiconductors NE522 Datasheet HTML 2Page - NXP Semiconductors NE522 Datasheet HTML 3Page - NXP Semiconductors NE522 Datasheet HTML 4Page - NXP Semiconductors NE522 Datasheet HTML 5Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Philips Semiconductors Linear Products
Product specification
NE522
High-speed dual-differential comparator/sense amp
August 31, 1994
312
DC ELECTRICAL CHARACTERISTICS
V
± = ±5V ±5%, TA = 0 to +70°C, unless otherwise stated.
SYMBOL
PARAMETER
TEST CONDITIONS
LIMITS
UNITS
SYMBOL
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
VOS
Input offset voltage
V+ = +4.75V, V– = –4.75V
At 25
°C
Over temperature range
6
7.5
10
mV
IBIAS
Input bias current
V+ = +5.25V, V– = –5.25V
At 25
°C
Over temperature range
7.5
20
40
µA
IOS
Input offset current
V+ = +5.25V, V– = –5.25V
At 25
°C
Over temperature range
1.0
5
12
µA
VCM
Common-mode voltage range
V+ = +4.75V, V– = –4.75V
–3
+3
V
VIL
Low level input
At 25
°C
Over temperature range
0.8
0.7
V
VIH
High level temperature
2.0
V
IIH
Input current
V+ = +5.25V, V– = –5.25V
High
VIH = 2.7V
1G or 2G strobe
Common strobe S
50
100
µA
µA
IIL
Low input current
VIL = 0.5V
1G or 2G strobe
Common strobe S
–2.0
–4.0
mA
mA
VOL
Output voltage Low
V+ = +5.25V, V– = –5.25V, VI(S) = 2.0V, ILOAD =
20mA
0.5
V
IOH
Output current High
V+ = +4.75V, V– = –4.75V, VOH = 5.25V
250
µA
Supply voltage
V+
Positive
4.75
5.0
5.25
V
V–
Negative
–4.75
–5.0
–5.25
Supply current
V+ = +5.25V, V– = –5.25V, TA = 25°C
ICC+
Positive
27
35
mA
ICC–
Negative
–15
–28



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com