Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL84514 Datasheet(PDF) 5 Page - Intersil Corporation

Part # ISL84514
Description  Low-Voltage, Single Supply, SPST, Analog Switches
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL84514 Datasheet(HTML) 5 Page - Intersil Corporation

  ISL84514 Datasheet HTML 1Page - Intersil Corporation ISL84514 Datasheet HTML 2Page - Intersil Corporation ISL84514 Datasheet HTML 3Page - Intersil Corporation ISL84514 Datasheet HTML 4Page - Intersil Corporation ISL84514 Datasheet HTML 5Page - Intersil Corporation ISL84514 Datasheet HTML 6Page - Intersil Corporation ISL84514 Datasheet HTML 7Page - Intersil Corporation ISL84514 Datasheet HTML 8Page - Intersil Corporation ISL84514 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
5
Electrical Specifications - 3.3V Supply
Test Conditions: V+ = +3.0V to +3.6V, GND = 0V, VINH = 2.4V, VINL = 0.8V (Note 4),
Unless Otherwise Specified
PARAMETER
TEST CONDITIONS
TEMP
(oC)
(NOTE 5)
MIN
TYP
(NOTE 5)
MAX
UNITS
ANALOG SWITCH CHARACTERISTICS
Analog Signal Range, VANALOG
Full
0
-
V+
V
ON Resistance, RON
V+ = 3V, ICOM = 1.0mA, VCOM = 1.5V
25
-
-
50
Ω
Full
-
-
75
Ω
RON Flatness, RFLAT(ON)
ICOM = 1.0mA, VCOM = 0.5V, 1V, 1.5V
25
-
-
5.5
Ω
Full
-
-
7.0
Ω
NO or NC OFF Leakage Current,
INO(OFF) or INC(OFF)
V+ = 3.6V, VCOM = 3V, 1V, VNO or VNC = 1V, 3V,
(Note 6)
25
-1
0.01
1
nA
Full
-20
-
20
nA
COM OFF Leakage Current,
ICOM(OFF)
V+ = 3.6V, VCOM = 3V, 1V, VNO or VNC = 1V, 3V,
(Note 6)
25
-1
0.01
1
nA
Full
-20
-
20
nA
COM ON Leakage Current,
ICOM(ON)
V+ = 3.6V, VCOM = 1V, 3V, or VNO or VNC = 1V, 3V,
(Note 6)
25
-2
0.01
2
nA
Full
-40
-
40
nA
DIGITAL INPUT CHARACTERISTICS
Input Voltage High, VINH
Full
2.4
-
V+
V
Input Voltage Low, VINL
Full
0
-
0.8
V
Input Current, IINH, IINL
V+ = 3.6V, VIN = 0V or V+
Full
-1
-
1
µA
DYNAMIC CHARACTERISTICS
Turn-ON Time, tON
VNO or VNC = 1.5V, RL = 300Ω, CL = 35pF,
VIN = 0 to 3V
25
-
-
150
ns
Full
-
-
240
ns
Turn-OFF Time, tOFF
VNO or VNC = 1.5V, RL = 300Ω, CL = 35pF,
VIN = 0 to 3V
25
-
-
100
ns
Full
-
-
150
ns
Charge Injection, Q
CL = 1.0nF, VG = 0V, RG = 0Ω
25
-
4
10
pC
POWER SUPPLY CHARACTERISTICS
Positive Supply Current, I+
V+ = 3.6V, VIN = 0V or V+, Switch On or Off
25
-1
-
1
µA
Full
-10
-
10
µA
Test Circuits and Waveforms
Logic input waveform is inverted for switches that have the opposite
logic sense.
FIGURE 1A. MEASUREMENT POINTS
CL includes fixture and stray capacitance.
FIGURE 1B. TEST CIRCUIT
FIGURE 1. SWITCHING TIMES
50%
tr < 20ns
tf < 20ns
tOFF
90%
3V or 5V
0V
0V
tON
LOGIC
INPUT
SWITCH
INPUT
SWITCH
OUTPUT
90%
VOUT
V
OUT
V
(NO or NC)
R
L
R
L
R
ON
()
+
------------------------------
=
SWITCH
INPUT
LOGIC
INPUT
VOUT
RL
CL
COM
NO or NC
IN
300
Ω
35pF
GND
V+
C
ISL84514, ISL84515



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com