Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL84514 Datasheet(PDF) 9 Page - Intersil Corporation

Part # ISL84514
Description  Low-Voltage, Single Supply, SPST, Analog Switches
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL84514 Datasheet(HTML) 9 Page - Intersil Corporation

Back Button ISL84514 Datasheet HTML 3Page - Intersil Corporation ISL84514 Datasheet HTML 4Page - Intersil Corporation ISL84514 Datasheet HTML 5Page - Intersil Corporation ISL84514 Datasheet HTML 6Page - Intersil Corporation ISL84514 Datasheet HTML 7Page - Intersil Corporation ISL84514 Datasheet HTML 8Page - Intersil Corporation ISL84514 Datasheet HTML 9Page - Intersil Corporation ISL84514 Datasheet HTML 10Page - Intersil Corporation ISL84514 Datasheet HTML 11Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
9
Die Characteristics
SUBSTRATE POTENTIAL (POWERED UP):
GND
TRANSISTOR COUNT:
ISL84514: 40
ISL84515: 40
PROCESS:
Si Gate CMOS
FIGURE 11. TURN-ON TIME vs SUPPLY VOLTAGE
FIGURE 12. TURN-OFF TIME vs SUPPLY VOLTAGE
FIGURE 13. FREQUENCY RESPONSE
FIGURE 14. OFF ISOLATION
Typical Performance Curves TA = 25oC, Unless Otherwise Specified (Continued)
V+ (V)
110
90
70
50
30
23456789
10
11
12
40
60
80
100
-40oC
85oC
RL = 300Ω
VCOM = (V+) - 1V
130
120
140
25oC
V+ (V)
50
40
30
20
10
23456789
10
11
12
25oC
-40oC
85oC
RL = 300Ω
VCOM = (V+) - 1V
60
FREQUENCY (MHz)
0
-3
-6
GAIN
PHASE
0
20
40
60
80
100
1
10
100
600
VIN = 0.2VP-P to 2.5VP-P (V+ = 3.3V)
VIN = 0.2VP-P to 5VP-P (V+ = 12V)
RL = 50Ω
V+ = 3.3V
V+ = 12V
V+ = 12V
V+ = 3.3V
FREQUENCY (Hz)
1k
100k
1M
100M
500M
10k
10M
110
10
20
30
40
50
60
70
80
90
100
V+ = 3V to 13V
RL = 50Ω
ISL84514, ISL84515



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com