Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMM-2 Datasheet(PDF) 1 Page - Mimix Broadband

Part # CMM-2
Description  2.0-6.0 GHz GaAs MMIC Amplifier
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIMIX [Mimix Broadband]
Direct Link  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband

CMM-2 Datasheet(HTML) 1 Page - Mimix Broadband

  CMM-2 Datasheet HTML 1Page - Mimix Broadband CMM-2 Datasheet HTML 2Page - Mimix Broadband CMM-2 Datasheet HTML 3Page - Mimix Broadband CMM-2 Datasheet HTML 4Page - Mimix Broadband  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
2.0-6.0 GHz
GaAs MMIC Amplifier
Page 1 of 4
Mimix Broadband, Inc., 10795 Rockley Rd., Houston, Texas 77099
Tel: 281.988.4600 Fax: 281.988.4615 mimixbroadband.com
Characteristic Data and Specifications are subject to change without notice.
©2006 Mimix Broadband, Inc.
Export of this item may require appropriate export licensing from the U.S. Government. In purchasing these parts, U.S. Domestic customers accept
their obligation to be compliant with U.S. Export Laws.
CMM-2
August 2006 - Rev 02-Aug-06


Similar Part No. - CMM-2

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CMM-2 ETC1-CMM-2 Datasheet
485Kb / 4P
2.0 TO 6.0 GHz GaAs MMIC AMPLIFIER
logo
CUI INC
CMM-2718AB-38108-TR CUI-CMM-2718AB-38108-TR Datasheet
483Kb / 5P
MEMS MICROPHONE
logo
CUI Devices
CMM-2718AB-38108-TR CUID-CMM-2718AB-38108-TR Datasheet
573Kb / 5P
MEMS MICROPHONE
08/05/2022
CMM-2718AB-38108-TR CUID-CMM-2718AB-38108-TR Datasheet
467Kb / 5P
MEMS MICROPHONE
07/13/2023
CMM-2718AB-38108-TR CUID-CMM-2718AB-38108-TR_V01 Datasheet
467Kb / 5P
MEMS MICROPHONE
07/13/2023
More results

Similar Description - CMM-2

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC280MS8G HITTITE-HMC280MS8G Datasheet
216Kb / 6P
GaAs MMIC POWER AMPLIFIER 5.0 - 6.0 GHz
logo
List of Unclassifed Man...
CMM-2 ETC1-CMM-2 Datasheet
485Kb / 4P
2.0 TO 6.0 GHz GaAs MMIC AMPLIFIER
SNA-286 ETC1-SNA-286 Datasheet
350Kb / 4P
DC-6.0 GHz, Cascadable GaAs MMIC Amplifier
logo
SIRENZA MICRODEVICES
SNA-286 SIRENZA-SNA-286 Datasheet
350Kb / 4P
DC-6.0 GHz, Cascadable GaAs MMIC Amplifier
logo
Mimix Broadband
CMM1200 MIMIX-CMM1200 Datasheet
457Kb / 5P
2.0-6.0 GHz GaAs MMIC Low Noise Amplifier
CMM-5-BD MIMIX-CMM-5-BD Datasheet
1Mb / 5P
2.0-6.0 GHz GaAs MMIC Amplifier
CMM1200-BD MIMIX-CMM1200-BD_07 Datasheet
452Kb / 5P
2.0-6.0 GHz GaAs MMIC Low Noise Amplifier
CMM0618-BD MIMIX-CMM0618-BD_07 Datasheet
154Kb / 5P
6.0-18.0 GHz GaAs MMIC Power Amplifier
logo
M/A-COM Technology Solu...
MAAM26100-P1 MA-COM-MAAM26100-P1 Datasheet
104Kb / 3P
GaAs MMIC Power Amplifier 2.0 - 6.0 GHz
logo
Hittite Microwave Corpo...
HMC280MS8G HITTITE-HMC280MS8G_05 Datasheet
290Kb / 6P
GaAs MMIC POWER AMPLIFIER 5.0 - 6.0 GHz
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com