Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMM0016 Datasheet(PDF) 2 Page - Mimix Broadband

Part # CMM0016
Description  2.0-20.0 GHz GaAs MMIC 1W Power Amplifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIMIX [Mimix Broadband]
Direct Link  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband

CMM0016 Datasheet(HTML) 2 Page - Mimix Broadband

  CMM0016 Datasheet HTML 1Page - Mimix Broadband CMM0016 Datasheet HTML 2Page - Mimix Broadband CMM0016 Datasheet HTML 3Page - Mimix Broadband CMM0016 Datasheet HTML 4Page - Mimix Broadband CMM0016 Datasheet HTML 5Page - Mimix Broadband  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2.0-20.0 GHz GaAs MMIC
1W Power Amplifier
Page 2 of 5
Mimix Broadband, Inc., 10795 Rockley Rd., Houston, Texas 77099
Tel: 281.988.4600 Fax: 281.988.4615 mimixbroadband.com
Characteristic Data and Specifications are subject to change without notice.
©2006 Mimix Broadband, Inc.
Export of this item may require appropriate export licensing from the U.S. Government. In purchasing these parts, U.S. Domestic customers accept
their obligation to be compliant with U.S. Export Laws.
CMM0016
October 2006 - Rev 13-Oct-06
Typical On-Wafer Scattering Parameters
(Vd = +12V, Idd = 700 mA, T = 25°C, device in a 50 ohm system)
Frequency
S11
S21
S12
S22
(MHz)
(Mag)
(Ang)
(Mag)
(Ang)
(Mag)
(Ang)
(Mag)
(Ang)
0.1
0.895
-27.46
0.374
-118.79
0.001
179.07
0.982
-30.49
1.1
0.224
-94.72
2.819
-167.62
0.001
10.30
0.371
172.50
2.1
0.120
-115.66
2.845
137.27
0.001
161.31
0.184
155.95
3.1
0.132
-120.35
2.912
98.39
0.001
-24.81
0.109
176.74
4.1
0.116
-142.53
2.906
64.29
0.001
99.46
0.134
-148.11
5.1
0.090
-159.80
2.870
31.44
0.000
-18.80
0.201
-144.37
6.1
0.058
-155.91
2.848
-0.20
0.000
-15.21
0.254
-152.76
7.1
0.045
-135.98
2.839
-31.59
0.001
-9.90
0.273
-163.80
8.1
0.056
-111.34
2.863
-62.57
0.001
-17.50
0.256
-173.33
9.1
0.082
-107.92
2.929
-94.08
0.001
-40.23
0.214
-176.04
10.1
0.105
-116.81
3.014
-126.53
0.002
-66.05
0.186
-165.38
11.1
0.112
-130.45
3.087
-160.15
0.003
-95.26
0.221
-153.79
12.1
0.100
-145.03
3.119
165.56
0.003
-127.63
0.285
-157.63
13.1
0.065
-154.88
3.119
131.34
0.004
-150.95
0.321
-171.26
14.1
0.026
-114.03
3.123
97.11
0.005
-177.36
0.305
170.18
15.1
0.072
-60.29
3.163
62.54
0.006
157.71
0.223
149.10
16.1
0.137
-72.11
3.237
26.78
0.007
130.91
0.078
131.73
17.1
0.185
-90.65
3.312
-10.92
0.009
105.19
0.105
-99.62
18.1
0.202
-109.59
3.326
-50.17
0.011
69.44
0.264
-123.96
19.1
0.182
-125.30
3.296
-90.24
0.011
34.20
0.348
-155.20
20.1
0.134
-132.98
3.213
-131.48
0.012
4.93
0.319
168.29
21.1
0.105
-107.03
3.088
-172.66
0.014
-33.95
0.172
115.92
22.1
0.174
-94.92
3.039
145.86
0.015
-73.77
0.128
-27.54
23.1
0.247
-110.42
3.136
101.21
0.018
-111.05
0.322
-99.37
24.1
0.272
-132.47
3.242
47.32
0.023
-158.10
0.393
-159.52
25.1
0.231
-160.25
2.672
-12.38
0.024
149.27
0.210
107.34
26.1
0.137
-141.31
2.001
-56.79
0.022
119.19
0.301
-40.67
27.1
0.196
-146.43
2.259
-104.68
0.028
69.82
0.492
-112.02
28.1
0.234
-150.80
2.569
153.51
0.030
-17.00
0.547
109.01
29.1
0.349
170.45
0.720
68.96
0.006
-100.97
0.501
-21.16
30.1
0.386
130.23
0.247
26.46
0.002
-28.35
0.584
-59.24
31.1
0.428
92.93
0.104
-5.39
0.003
21.66
0.646
-78.61
32.1
0.480
60.25
0.042
-28.72
0.003
-5.04
0.707
-91.05
33.1
0.539
34.23
0.023
-53.32
0.001
11.16
0.755
-101.84
34.1
0.597
12.71
0.014
-63.64
0.005
-1.35
0.789
-111.75
35.1
0.658
-4.54
0.013
-90.12
0.010
-44.00
0.789
-123.00
36.1
0.706
-19.16
0.007
-169.84
0.008
-171.43
0.763
-120.14
37.1
0.751
-31.72
0.004
138.88
0.002
177.92
0.840
-127.28
38.1
0.790
-42.32
0.001
141.98
0.002
68.47
0.867
-134.25
39.1
0.826
-52.12
0.003
125.45
0.003
-55.70
0.888
-140.59
40.1
0.856
-60.30
0.001
-30.91
0.002
-147.28
0.896
-146.39
S-Parameter Data Files are available online at: www.mimixbroadband.com



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com