Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMM0016 Datasheet(PDF) 1 Page - Mimix Broadband

Part # CMM0016
Description  2.0-20.0 GHz GaAs MMIC 1W Power Amplifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIMIX [Mimix Broadband]
Direct Link  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband

CMM0016 Datasheet(HTML) 1 Page - Mimix Broadband

  CMM0016 Datasheet HTML 1Page - Mimix Broadband CMM0016 Datasheet HTML 2Page - Mimix Broadband CMM0016 Datasheet HTML 3Page - Mimix Broadband CMM0016 Datasheet HTML 4Page - Mimix Broadband CMM0016 Datasheet HTML 5Page - Mimix Broadband  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
2.0-20.0 GHz GaAs MMIC
1W Power Amplifier
Page 1 of 5
Mimix Broadband, Inc., 10795 Rockley Rd., Houston, Texas 77099
Tel: 281.988.4600 Fax: 281.988.4615 mimixbroadband.com
Characteristic Data and Specifications are subject to change without notice.
©2006 Mimix Broadband, Inc.
Export of this item may require appropriate export licensing from the U.S. Government. In purchasing these parts, U.S. Domestic customers accept
their obligation to be compliant with U.S. Export Laws.
CMM0016
October 2006 - Rev 13-Oct-06
(TA= 25°C,Vdd = 12V)
1
x
a
M
p
y
T
n
i
M
s
t
i
n
U
s
r
e
t
e
m
a
r
a
P
0
.
0
2
0
.
2
z
H
G
e
g
n
a
R
y
c
n
e
u
q
e
r
F
5
.
2
1
5
.
8
B
d
n
i
a
G
r
a
e
n
i
L
5
.
1
B
d
±
s
s
e
n
t
a
l
F
n
i
a
G
Power Output: 2-18 GHz (@1 dB Gain Compression)
dBm
28.5
Power Output: 2-20 GHz (@1 dB Gain Compression)
dBm
26.5
0
.
5
m
B
d
)
y
c
n
e
u
q
e
r
f
g
n
i
t
a
r
e
p
o
r
e
v
o
(
n
o
i
t
a
i
r
a
V
B
d
1
P
5
.
9
2
m
B
d
z
H
G
8
1
-
2
:
r
e
w
o
P
t
u
p
t
u
O
d
e
t
a
r
u
t
a
S
5
.
7
2
m
B
d
z
H
G
0
2
-
2
:
r
e
w
o
P
t
u
p
t
u
O
d
e
t
a
r
u
t
a
S
0
.
0
1
-
B
d
s
s
o
L
n
r
u
t
e
R
t
u
p
n
I
0
.
0
1
-
B
d
s
s
o
L
n
r
u
t
e
R
t
u
p
t
u
O
0
3
7
0
9
6
0
5
6
A
m
t
n
e
r
r
u
C
7
.
5
1
W
/
C
°
e
c
n
a
t
s
i
s
e
R
l
a
m
r
e
h
T
Stability 2
Unconditionally Stable
Absolute Maximum Ratings
1
g
n
i
t
a
R
r
e
t
e
m
a
r
a
P
Drain Voltage
9.0V (min.) / 13.0V (max.)
A
m
0
5
7
t
n
e
r
r
u
C
n
i
a
r
D
Continuous Power Dissipation
9.5 W
m
B
d
0
2
r
e
w
o
P
t
u
p
n
I
Storage Temperature
-50°C to +150°C
Channel Temperature
175°C
Operating Backside Temperature
-40°C to (See note 2)
Die Attach and Bonding Procedures
Die Attach: Eutectic die attach is recommended. For eutec-
tic die attach: Preform: AuSn (80% Au, 20% Sn); Stage
Temperature: 290°C, ±5°C; Handling Tool: Tweezers; Time: 1
min or less.
Wire Bonding: Wire Size: 0.7 to 1.0 mil in diameter (pre-
stressed); Thermocompression bonding is preferred over
thermosonic bonding.
For thermocompression bonding:
Stage Temperature: 250°C; Bond Tip Temperature: 150°C;
Bonding Tip Pressure: 18 to 40 gms depending on size of
wire.
Chip Diagram
Notes: 1. Operation outside these limits can cause permanent damage.
2. Calculation maximum operating temperature:
Tmax = 175–(Pdis [W] x 15.7) [°C].
Units: mm
Notes: 1. Tested on Celeritek Connectorized evaluation board (standard assembly condition detailed on page 4).
2. Stability factor measured on-wafer.
Features
Small Size: 2.32x1.30x0.076mm
Integrated On-Chip DC Blocking
Single Bias Operation
Directly Cascadable - Fully Matched
Unconditionally Stable
P1dB: 29 dBm, Typ. @ 18 GHz
Linear Gain: 9.5 dB, Typ. @ 18 GHz
pHEMT Technology
Silicon Nitride Passivation
Specifications


Similar Part No. - CMM0016

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
CMM0016-BD MIMIX-CMM0016-BD Datasheet
1Mb / 5P
2.0 to 20.0 GHz GaAs MMIC 1W Power Amplifer
CMM0016-BD MIMIX-CMM0016-BD Datasheet
176Kb / 6P
2.0-22.0 GHz GaAs MMIC Power Amplifier
CMM0016-BD MIMIX-CMM0016-BD Datasheet
277Kb / 9P
2.0-22.0 GHz GaAs MMIC
CMM0016-BD-000V MIMIX-CMM0016-BD-000V Datasheet
176Kb / 6P
2.0-22.0 GHz GaAs MMIC Power Amplifier
CMM0016-BD MIMIX-CMM0016-BD_08 Datasheet
176Kb / 6P
2.0-22.0 GHz GaAs MMIC Power Amplifier
More results

Similar Description - CMM0016

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC462 HITTITE-HMC462 Datasheet
193Kb / 6P
GaAs PHEMT MMIC LOW NOISE AMPLIFIER, 2.0 - 20.0 GHz
HMC462LP5 HITTITE-HMC462LP5 Datasheet
289Kb / 6P
GaAs PHEMT MMIC LOW NOISE AMPLIFIER, 2.0 - 20.0 GHz
HMC463LP5 HITTITE-HMC463LP5 Datasheet
354Kb / 6P
GaAs PHEMT MMIC LOW NOISE AGC AMPLIFIER, 2.0 - 20.0 GHz
HMC464 HITTITE-HMC464 Datasheet
237Kb / 6P
GaAs PHEMT MMIC POWER AMPLIFIER, 2.0 - 20.0 GHz
HMC464LP5 HITTITE-HMC464LP5 Datasheet
281Kb / 6P
GaAs PHEMT MMIC POWER AMPLIFIER, 2.0 - 20.0 GHz
logo
List of Unclassifed Man...
CMM-10 ETC-CMM-10 Datasheet
192Kb / 2P
2.0 TO 20.0 GHz GAAS MMIC POWER AMPLIFIER
logo
Mimix Broadband
CMM0016-BD MIMIX-CMM0016-BD Datasheet
1Mb / 5P
2.0 to 20.0 GHz GaAs MMIC 1W Power Amplifer
logo
Hittite Microwave Corpo...
HMC559 HITTITE-HMC559 Datasheet
404Kb / 8P
GaAs PHEMT MMIC POWER AMPLIFIER, DC - 20.0 GHz
logo
Mimix Broadband
CMM0014-BD MIMIX-CMM0014-BD_07 Datasheet
198Kb / 6P
2.0-22.0 GHz GaAs MMIC Power Amplifier
logo
M/A-COM Technology Solu...
MAAM26100 MA-COM-MAAM26100 Datasheet
257Kb / 5P
GaAs MMIC Power Amplifier 2.0 - 6.5 GHz
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com