Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XM1004-BD Datasheet(PDF) 2 Page - Mimix Broadband

Part # XM1004-BD
Description  20.0-38.0 GHz GaAs MMIC Balanced Mixer
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIMIX [Mimix Broadband]
Direct Link  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband

XM1004-BD Datasheet(HTML) 2 Page - Mimix Broadband

  XM1004-BD Datasheet HTML 1Page - Mimix Broadband XM1004-BD Datasheet HTML 2Page - Mimix Broadband XM1004-BD Datasheet HTML 3Page - Mimix Broadband XM1004-BD Datasheet HTML 4Page - Mimix Broadband XM1004-BD Datasheet HTML 5Page - Mimix Broadband  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Mixer Measurements
Page 2 of 5
20.0-38.0 GHz GaAs MMIC
Balanced Mixer
XM1004-BD: LO to RF Isolation (dB) vs LO Freq (GHz)
LO = +12 dBm, Vg = -0.5 V
-50
-45
-40
-35
-30
-25
-20
-15
-10
-5
0
18
20
22
24
26
28
30
32
34
36
38
40
LO (GHz)
XM1004-BD: IIP3 (dBm) vs. RF USB (GHz)
IF = 2 GHz at -13 dBm per Tone
0
5
10
15
20
25
30
18
20
22
24
26
28
30
32
34
36
38
40
RF USB (GHz)
LO = 9 dBm
LO = 12 dBm
LO = 15 dBm
XM1004-BD: IIP3 (dBm) vs. RF LSB (GHz)
IF = 2 GHz at -13 dBm per Tone
0
5
10
15
20
25
30
18
20
22
24
26
28
30
32
34
36
38
40
RF LSB (GHz)
LO = 9 dBm
LO = 12 dBm
LO = 15 dBm
Mimix Broadband, Inc., 10795 Rockley Rd., Houston, Texas 77099
Tel: 281.988.4600 Fax: 281.988.4615 mimixbroadband.com
Characteristic Data and Specifications are subject to change without notice.
©2007 Mimix Broadband, Inc.
Export of this item may require appropriate export licensing from the U.S. Government. In purchasing these parts, U.S. Domestic customers accept
their obligation to be compliant with U.S. Export Laws.
M1004-BD
February 2007 - Rev 26-Feb-07
XM1004-BD: Conversion Gain (dB) vs RF Freq (GHz)
IF = 1.8 GHz, IF Pin = -10 dBm, LO = +12 dBm
-20
-18
-16
-14
-12
-10
-8
-6
-4
-2
0
18
20
22
24
26
28
30
32
34
36
38
40
RF (GHz)
RF at USB
RF at LSB



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com