Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XM1004-BD Datasheet (PDF) - Mimix Broadband

XM1004-BD Datasheet PDF - Mimix Broadband
Part # XM1004-BD
Download  XM1004-BD Download
File Size   150.15 Kbytes
Page   5 Pages
Manufacturer  MIMIX [Mimix Broadband]
Direct Link  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband
Description 20.0-38.0 GHz GaAs MMIC Balanced Mixer

XM1004-BD Datasheet (PDF)

Go To PDF Page Download Datasheet
XM1004-BD Datasheet PDF - Mimix Broadband

Part # XM1004-BD
Download  XM1004-BD Click to download

File Size   150.15 Kbytes
Page   5 Pages
Manufacturer  MIMIX [Mimix Broadband]
Direct Link  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband
Description 20.0-38.0 GHz GaAs MMIC Balanced Mixer

XM1004-BD Datasheet (HTML) - Mimix Broadband


XM1004-BD Product details

General Description

Mimix Broadband’s 20.0-38.0 GHz GaAs MMIC fundamental balanced mixer has been optimized for use as an up-converter. The device has a conversion loss of 8.0 dB with a +25.0 dBm input third order intercept point. IF and IF mixer inputs are provided through an external 180 degree hybrid. This MMIC uses Mimix Broadband’s 0.15 µm GaAs PHEMT device model technology, and is based upon electron beam lithography to ensure high repeatability and uniformity.



Features

Fundamental Balanced Mixer

8.0 dB Conversion Loss

+25.0 dBm Input Third Order Intercept (IIP3)

35.0 dB LO to RF Isolation

100% On-Wafer RF Testing

100% Visual Inspection to MIL-STD-883 Method 2010



 




Similar Part No. - XM1004-BD

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
XM1004K ALPHAWIRE-XM1004K Datasheet
395Kb / 4P
10 (105/30) AWG Bare Copper
XM1004KCY ALPHAWIRE-XM1004KCY Datasheet
396Kb / 4P
10 (105/30) AWG Bare Copper
XM1004L ALPHAWIRE-XM1004L Datasheet
395Kb / 4P
10 (105/30) AWG Bare Copper
XM1004LCY ALPHAWIRE-XM1004LCY Datasheet
396Kb / 4P
10 (105/30) AWG Bare Copper
XM1004R ALPHAWIRE-XM1004R Datasheet
395Kb / 4P
10 (105/30) AWG Bare Copper
More results


Similar Description - XM1004-BD

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
26BAM0545 MIMIX-26BAM0545 Datasheet
108Kb / 5P
20.0-38.0 GHz GaAs MMIC Balanced Mixer
XM1000 MIMIX-XM1000 Datasheet
301Kb / 6P
32.0-46.0 GHz GaAs MMIC Balanced Mixer
logo
Tyco Electronics
MA4EX2401 MACOM-MA4EX2401 Datasheet
422Kb / 4P
GaAs MMIC Double Balanced 24 GHz Mixer
logo
Hittite Microwave Corpo...
HMC130 HITTITE-HMC130_07 Datasheet
181Kb / 6P
GaAs MMIC DOUBLE-BALANCED MIXER, 6 - 11 GHz
HMC144LH5 HITTITE-HMC144LH5 Datasheet
263Kb / 6P
GaAs MMIC DOUBLE-BALANCED MIXER, 6 - 20 GHz
logo
Mimix Broadband
XL1010-BD MIMIX-XL1010-BD Datasheet
1Mb / 1P
20.0-38.0 GHz GaAs MMIC Low Noise Amplifier
XL1010-QT MIMIX-XL1010-QT Datasheet
286Kb / 5P
20.0-38.0 GHz GaAs MMIC Low Noise Amplifier, 3x3mm QFN
XM1000-BD MIMIX-XM1000-BD Datasheet
302Kb / 6P
32.0-46.0 GHz GaAs MMIC Balanced Mixer
XL1010-BD MIMIX-XL1010-BD_08 Datasheet
1Mb / 1P
20.0-38.0 GHz GaAs MMIC
XL1010-QT MIMIX-XL1010-QT_10 Datasheet
666Kb / 5P
20.0-38.0 GHz GaAs MMIC
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com