Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SA5521 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # SA5521
Description  LVDT signal conditioner
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SA5521 Datasheet(HTML) 4 Page - NXP Semiconductors

  SA5521 Datasheet HTML 1Page - NXP Semiconductors SA5521 Datasheet HTML 2Page - NXP Semiconductors SA5521 Datasheet HTML 3Page - NXP Semiconductors SA5521 Datasheet HTML 4Page - NXP Semiconductors SA5521 Datasheet HTML 5Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Philips Semiconductors Linear Products
Product specification
NE/SA/SE5521
LVDT signal conditioner
August 31, 1994
904
DEFINITION OF TERMS
Oscillator Output
RMS value of the AC voltage at the oscillator output pin. This output is referenced to VREF/2
and is a function of VREF.
Sine Wave Distortion
The Total Harmonic Distortion (THD) of the oscillator output with no load. This is not a
critical specification in LVDT/RVDT systems. This figure could be 15% or more without
affecting system performance.
Initial Amplitude Error
A measure of the interchangeability of NE/SA/SE5521 parts, not a characteristic of any one
part. It is the degree to which the oscillator output of a number of NE/SA/SE5521 samples
will vary from the median of that sample.
Initial Accuracy of Oscillator Frequency
Another measure of the interchangeability of individual NE/SA/SE5521 parts. This is the
degree to which the oscillator frequency of a number of NE/SA/SE5521 samples will vary
from the median of that sample with a given timing capacitor.
Tempco of Oscillator Amplitude
A measure of how the oscillator amplitude varies with ambient temperature as that
temperature deviates from a 25
°C ambient.
Tempco of Oscillator Frequency
A measure of how the oscillator frequency varies with ambient temperature as that
temperature deviates from a 25
°C ambient.
Voltage Coefficient of Oscillator Frequency
The degree to which the oscillator frequency will vary as the reference voltage (VREF)
deviates from +10V.
Min OSC (OSC) Load
Minimum load impedance for which distortion is guaranteed to be less than 5%.
Linearity Error
The degree to which the DC output of the demodulator/amplifier combination matches a
change in the AC signal at the demodulator input. It is measured as the worst case
nonlinearity from a straight line drawn between positive and negative fullscale end points.
Maximum Demodulator Input
The maximum signal that can be applied to the demodulator input without exceeding the
specified linearity error.
APPLICATION INFORMATION
OSC frequency
+
V
REF * 1.3V
V
REF (RT ) 1.5k) CT
Figure 1. Device Power Dissipation vs OSC – OSC Load at +25
°C
2000
1000
800
700
600
500
400
300
200
100
0.2
0.4
0.6
0.8
1 2
3
OSC–OSC LOAD (k
Ω)
5V
15V
10V
VREF = V+ = 20V
PDMAX (SO PACKAGE)
PDMAX (N PACKAGE)
AT TA = 70°C, TJ(MAX) = +150°C
AT TA = +85°C, TJ(MAX) = +150°C
PDMAX (F PACKAGE)
PDMAX (F PACKAGE)
AT TA = +125°C, TJ(MAX) = +165°C
AT TA = +125°C, TJ(MAX) = +150°C



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com