Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SA5521 Datasheet(PDF) 1 Page - NXP Semiconductors

Part # SA5521
Description  LVDT signal conditioner
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SA5521 Datasheet(HTML) 1 Page - NXP Semiconductors

  SA5521 Datasheet HTML 1Page - NXP Semiconductors SA5521 Datasheet HTML 2Page - NXP Semiconductors SA5521 Datasheet HTML 3Page - NXP Semiconductors SA5521 Datasheet HTML 4Page - NXP Semiconductors SA5521 Datasheet HTML 5Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Philips Semiconductors Linear Products
Product specification
NE/SA/SE5521
LVDT signal conditioner
901
August 31, 1994
853-0043 13721
DESCRIPTION
The NE/SA/SE5521 is a signal conditioning circuit for use with
Linear Variable Differential Transformers (LVDTs) and Rotary
Variable Differential Transformers (RVDTs). The chip includes a low
distortion, amplitude-stable sine wave oscillator with programmable
frequency to drive the primary of the LVDT/RVDT, a synchronous
demodulator to convert the LVDT/RVDT output amplitude and phase
to position information, and an output amplifier to provide
amplification and filtering of the demodulated signal.
FEATURES
• Low distortion
• Single supply 5V to 20V, or dual supply ±2.5V to ±10V
• Oscillator frequency 1kHz to 20kHz
• Capable of ratiometric operation
• Low power consumption (182mV typ)
APPLICATIONS
• LVDT signal conditioning
• RVDT signal conditioning
• LPDT signal conditioning
• Bridge circuits
PIN CONFIGURATIONS
1
2
3
4
5
6
7
8
9
10
11
12
13
14
16
15
1
2
3
4
5
6
7
8
11
12
13
14
15
16
18
17
9
10
AMP OUT
+IN
–IN
LVDT IN
DEMOD OUT
SYNC
GND
N.C.
N.C.
V+
CT
VREF
FEEDBACK
OSC
OSC
VREF/2
RT
N.C.
AMP OUT
+IN
–IN
LVDT IN
DEMOD OUT
SYNC
GND
N.C.
V+
CT
VREF
FEEDBACK
OSC
OSC
VREF/2
RT
F, N Packages
TOP VIEW
D1 Package
TOP VIEW
NOTE:
1. SOL — released in large SO package only.
ORDERING INFORMATION
DESCRIPTION
TEMPERATURE RANGE
ORDER CODE
DWG #
18-Pin Plastic Dual In-Line Package (DIP)
0 to +70
°C
NE5521N
0407A
16-Pin Small Outline Large (SOL) Package
0 to +70
°C
NE5521D
0171B
18-Pin Plastic Dual In-Line Package (DIP)
–40 to +85
°C
SA5521N
0407A
18-Pin Ceramic Dual In-Line Package (CERDIP)
–55 to +125
°C
SE5521F
0583A
16-Pin Ceramic Dual In-Line Package (CERDIP)
–40 to +85
°C
SA5521D
0582B
ABSOLUTE MAXIMUM RATINGS
SYMBOL
PARAMETER
RATING
UNIT
VCC
Supply voltage
+20
V
Split supply voltage
±10
V
TA
Operating temperature range
NE5521
SA5521
SE5521
0 to 70
–40 to +85
–55 to +125
°C
°C
°C
TSTG
Storage temperature range
–65 to +125
°C
PD
Power dissipation1
910
mW
NOTES:
1. For derating, see typical power dissipation versus load curves (Figure 1).


Similar Part No. - SA5521

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SA5522 PHILIPS-SA5522 Datasheet
172Kb / 20P
1.4 GHz I2C-bus controlled synthesizer
1996 Jan 23
More results

Similar Description - SA5521

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD598 AD-AD598 Datasheet
553Kb / 16P
LVDT Signal Conditioner
AD698 AD-AD698 Datasheet
228Kb / 12P
Universal LVDT Signal Conditioner
REV.B
logo
Vitesse Semiconductor C...
VSC7104 VITESSE-VSC7104 Datasheet
461Kb / 2P
Quad Signal Conditioner, Octal Signal Conditioner
logo
Analog Devices
AD698APZ AD-AD698APZ Datasheet
235Kb / 12P
Universal LVDT Signal Conditioner
REV. B
AD598 AD-AD598_15 Datasheet
556Kb / 16P
LVDT Signal Conditioner
REV. A
AD698 AD-AD698_15 Datasheet
235Kb / 12P
Universal LVDT Signal Conditioner
REV. B
logo
TE Connectivity Ltd
LDM-1000 TEC-LDM-1000 Datasheet
140Kb / 3P
LVDT/RVDT Signal Conditioning Module
logo
Festo Corporation.
544216 FESTO-544216 Datasheet
85Kb / 1P
Signal conditioner
544218 FESTO-544218 Datasheet
87Kb / 1P
Signal conditioner
544221 FESTO-544221 Datasheet
88Kb / 1P
Signal conditioner
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com