Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD698 Datasheet (PDF) - Analog Devices

AD698 Datasheet PDF - Analog Devices
Part # AD698
Download  AD698 Download
File Size   228.53 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Universal LVDT Signal Conditioner

AD698 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD698 Datasheet PDF - Analog Devices

Part # AD698
Download  AD698 Click to download

File Size   228.53 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Universal LVDT Signal Conditioner

AD698 Datasheet (HTML) - Analog Devices


AD698 Product details

PRODUCT DESCRIPTION

The AD698 is a complete, monolithic Linear Variable Differential Transformer (LVDT) signal conditioning subsystem. It is used in conjunction with LVDTs to convert transducer mechanical  position to a unipolar or bipolar dc voltage with a high de gree of accuracy and repeatability. All circuit functions are included on the chip. With the addition of a few external passive components to set frequency and gain, the AD698 converts the raw LVDT output to a scaled dc signal. The device will operate with half-bridge LVDTs, LVDTs connected in the series opposed configuration (4-wire), and RVDTs.



FEATURES

Single Chip Solution, Contains Internal Oscillator and Voltage Reference

No Adjustments Required

Interfaces to Half-Bridge, 4-Wire LVDT

DC Output Proportional to Position

20 Hz to 20 kHz Frequency Range

Unipolar or Bipolar Output

Will Also Decode AC Bridge Signals

Outstanding Performance

   Linearity: 0.05%

   Output Voltage: 611 V

   Gain Drift: 20 ppm/8C (typ)

   Offset Drift: 5 ppm/8C (typ)




Similar Part No. - AD698

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AD698AP ETC2-AD698AP Datasheet
2Mb / 31P
SEMICONDUCTORS
logo
Analog Devices
AD698APZ AD-AD698APZ Datasheet
235Kb / 12P
Universal LVDT Signal Conditioner
REV. B
AD698 AD-AD698_15 Datasheet
235Kb / 12P
Universal LVDT Signal Conditioner
REV. B
More results


Similar Description - AD698

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
NE5521 PHILIPS-NE5521 Datasheet
69Kb / 5P
LVDT signal conditioner
August 31, 1994
logo
Analog Devices
AD598 AD-AD598 Datasheet
553Kb / 16P
LVDT Signal Conditioner
logo
Vitesse Semiconductor C...
VSC7104 VITESSE-VSC7104 Datasheet
461Kb / 2P
Quad Signal Conditioner, Octal Signal Conditioner
logo
Analog Devices
AD698APZ AD-AD698APZ Datasheet
235Kb / 12P
Universal LVDT Signal Conditioner
REV. B
AD598 AD-AD598_15 Datasheet
556Kb / 16P
LVDT Signal Conditioner
REV. A
AD698 AD-AD698_15 Datasheet
235Kb / 12P
Universal LVDT Signal Conditioner
REV. B
logo
TE Connectivity Ltd
LDM-1000 TEC-LDM-1000 Datasheet
140Kb / 3P
LVDT/RVDT Signal Conditioning Module
logo
Festo Corporation.
544216 FESTO-544216 Datasheet
85Kb / 1P
Signal conditioner
544218 FESTO-544218 Datasheet
87Kb / 1P
Signal conditioner
544221 FESTO-544221 Datasheet
88Kb / 1P
Signal conditioner
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com