Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD698 Datasheet(PDF) 5 Page - Analog Devices

Part # AD698
Description  Universal LVDT Signal Conditioner
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD698 Datasheet(HTML) 5 Page - Analog Devices

  AD698 Datasheet HTML 1Page - Analog Devices AD698 Datasheet HTML 2Page - Analog Devices AD698 Datasheet HTML 3Page - Analog Devices AD698 Datasheet HTML 4Page - Analog Devices AD698 Datasheet HTML 5Page - Analog Devices AD698 Datasheet HTML 6Page - Analog Devices AD698 Datasheet HTML 7Page - Analog Devices AD698 Datasheet HTML 8Page - Analog Devices AD698 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
AD698
REV. B
–5–
THEORY OF OPERATION
A block diagram of the AD698 along with an LVDT (linear
variable differential transformer) connected to its input is shown
in Figure 5 below. The LVDT is an electromechanical trans-
ducer—its input is the mechanical displacement of a core, and
its output is an ac voltage proportional to core position. Two
popular types of LVDTs are the half-bridge type and the series
opposed or four-wire LVDT. In both types the moveable core
couples flux between the windings. The series-opposed con-
nected LVDT transducer consists of a primary winding ener-
gized by an external sine wave reference source and two
secondary windings connected in the series opposed configuration.
The output voltage across the series secondary increases as the core
is moved from the center. The direction of movement is detected
by measuring the phase of the output. Half-bridge LVDTs have a
single coil with a center tap and work like an autotransformer. The
excitation voltage is applied across the coil; the voltage at the center
tap is proportional to position. The device behaves similarly to a
resistive voltage divider.
A
B
AMP
OSCILLATOR
VOLTAGE
REFERENCE
A
B
FILTER
AMP
AD698
Figure 5. Functional Block Diagram
The AD698 energizes the LVDT coil, senses the LVDT output
voltages and produces a dc output voltage proportional to core
position. The AD698 has a sine wave oscillator and power am-
plifier to drive the LVDT. Two synchronous demodulation
stages are available for decoding the primary and secondary
voltages. A decoder determines the ratio of the output signal
voltage to the input drive voltage (A/B). A filter stage and out-
put amplifier are used to scale the resulting output.
The oscillator comprises a multivibrator that produces a triwave
output. The triwave drives a sine shaper that produces a low dis-
tortion sine wave. Frequency and amplitude are determined by a
single resistor and capacitor. Output frequency can range from
20 Hz to 20 kHz and amplitude from 2 V to 24 V rms. Total har-
monic distortion is typically –50 dB.
The AD698 decodes LVDTs by synchronously demodulating
the amplitude modulated input (secondaries), A, and a fixed in-
put reference (primary or sum of secondaries or fixed input), B.
A common problem with earlier solutions was that any drift in
the amplitude of the drive oscillator corresponded directly to a
gain error in the output. The AD698, eliminates these errors by
calculating the ratio of the LVDT output to its input excitation in
order to cancel out any drift effects. This device differs from the
AD598 LVDT signal conditioner in that it implements a different
circuit transfer function and does not require the sum of the LVDT
secondaries (A + B) to be constant with stroke length.
The AD698 block diagram is shown below. The inputs consist
of two independent synchronous demodulation channels. The B
channel is designed to monitor the drive excitation to the LVDT.
The full wave rectified output is filtered by C2 and sent to the
computational circuit. Channel A is identical except that the
comparator is pinned out separately. Since the A channel may
reach 0 V output at LVDT null, the A channel demodulator is
usually triggered by the primary voltage (B Channel). In addi-
tion, a phase compensation network may be required to add a
phase lead or lag to the A Channel to compensate for the LVDT
primary to secondary phase shift. For half-bridge circuits the
phase shift is noncritical, and the A channel voltage is large
enough to trigger the demodulator.
AD698
COMP
±1
FILTER
B
CHANNEL
–BIN
+BIN
DUTY CYCLE
DIVIDER
A/B = 1 = 100%
DUTY
±1
–ACOMP
+ACOMP
–AIN
+AIN
FILTER
DEMODULATOR
A
CHANNEL
A
B
OFF 2
OFF 1
BFILT1
BFILT2
C2
VOUT
IREF
500µA
V
OUT
FILTER
C4
FB
R2
C5
+VS
–VS
AFILT2
AFILT1
C3
V/I
COMP
V/I
Figure 6. AD698 Block Diagram
Once both channels are demodulated and filtered a division cir-
cuit, implemented with a duty cycle multiplier, is used to calcu-
late the ratio A/B. The output of the divider is a duty cycle.
When A/B is equal to 1, the duty cycle will be equal to 100%.
(This signal can be used as is if a pulse width modulated output
is required.) The duty cycle drives a circuit that modulates and
filters a reference current proportional to the duty cycle. The
output amplifier scales the 500
µA reference current converting
it to a voltage. The output transfer function is thus:
VOUT = IREF × A/B × R2, where IREF = 500 µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com