Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD698 Datasheet(PDF) 11 Page - Analog Devices

Part # AD698
Description  Universal LVDT Signal Conditioner
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD698 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD698 Datasheet HTML 4Page - Analog Devices AD698 Datasheet HTML 5Page - Analog Devices AD698 Datasheet HTML 6Page - Analog Devices AD698 Datasheet HTML 7Page - Analog Devices AD698 Datasheet HTML 8Page - Analog Devices AD698 Datasheet HTML 9Page - Analog Devices AD698 Datasheet HTML 10Page - Analog Devices AD698 Datasheet HTML 11Page - Analog Devices AD698 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
AD698
REV. B
–11–
VOUT =
2
× R
S
RG + 1


×V
IN
Solving for VOUT/VIN = 400 and setting RG = 100
Ω then:
RS = [400 – 1]
× R
G/2 = 19.95 k
Ω
Choose an oscillator amplitude that is in the range of 1 V to
3.5 V rms. For an input excitation level of 3 V rms, the output
signal from the amplifier gain stage will be 3.5 V rms
× 0.8 V or
2.4 V rms, which is in the acceptable range.
Since A/B is known, the value of R2, the output FS resistor may
be chosen by the formula:
VOUT = A/B × 500 µA × R2
For a 10 V output at FS, with an A/B of 0.8; solve for R2.
R2 = 10 V [0.8
× 500 µA] = 25.0 kΩ
This will result in a VOUT of 10 V for a full-scale signal from the
bridge. The other components, C1, C2, C3, C4 may be selected
by following the guidelines on general device operation men-
tioned earlier.
If a gain trim is required, then a trim resistor can be used to ad-
just either R2 or RG. Bridge offsets should be adjusted by a trim
network on the OFFSET 1 and OFFSET 2 pins of the AD698.
R1
C1
C2
C3
R4
R3
C4
R2
1000pF
SIGNAL
REFERENCE
RL
VOUT
100nF
6.8µF
–15V
+15V
100nF
6.8µF
AB
C
D
PHASE
LAG/LEAD
NETWORK
13
16
15
14
24
23
22
21
20
19
18
17
12
11
10
9
8
1
2
3
4
7
6
5
AD698
–VS
EXC1
EXC2
LEV1
LEV2
FREQ1
BFILT1
BFILT2
–BIN
+BIN
–AIN
FREQ2
SIG REF
OFFSET2
OFFSET1
+VS
OUT FILT
FEEDBACK
SIG OUT
–ACOMP
AFILT2
AFILT1
+ACOMP
+AIN
A2
RS
A1
RS
RESISTORS,
INDUCTORS
OR CAPACITORS
RT
AB
CD
PHASE LEAD
RS
C
C
RS
RS
RT
A
B
CD
PHASE LAG
C
PHASE LAG = Arc Tan (Hz RC);
PHASE LEAD = Arc Tan 1/(Hz RC)
WHERE R = RS// (RS + RT)
RG
DUAL
OP AMP
Figure 20. AD698 Interconnection Diagram for AC Bridge Applications



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com