Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD698 Datasheet(PDF) 8 Page - Analog Devices

Part # AD698
Description  Universal LVDT Signal Conditioner
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD698 Datasheet(HTML) 8 Page - Analog Devices

Back Button AD698 Datasheet HTML 4Page - Analog Devices AD698 Datasheet HTML 5Page - Analog Devices AD698 Datasheet HTML 6Page - Analog Devices AD698 Datasheet HTML 7Page - Analog Devices AD698 Datasheet HTML 8Page - Analog Devices AD698 Datasheet HTML 9Page - Analog Devices AD698 Datasheet HTML 10Page - Analog Devices AD698 Datasheet HTML 11Page - Analog Devices AD698 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
REV. B
–8–
AD698
Note that VOS should be chosen so that R3 cannot have negative
value .
Figure 12 shows the desired response.
+5
+0.1d (INCHES)
–0.1
V
OUT
(VOLTS)
+10
Figure 12. VOUT (0 V–10 V Full Scale) vs. Displacement
(
±0.1 Inch)
DESIGN PROCEDURE
SINGLE SUPPLY OPERATION
Figure 13 shows the single supply connection method.
R1
C1
C2
C3
R4
R3
13
16
15
14
24
23
22
21
20
19
18
17
12
11
10
9
8
1
2
3
4
7
6
5
AD698
–VS
EXC1
EXC2
LEV1
LEV2
FREQ1
BFILT1
BFILT2
–BIN
+BIN
–AIN
FREQ2
SIG REF
OFFSET2
OFFSET1
+VS
OUT FILT
FEEDBACK
SIG OUT
–ACOMP
AFILT2
AFILT1
+ACOMP
+AIN
C4
R2
1000pF
SIGNAL
REFERENCE
RL
VOUT
0.1µF
Vps
+30V
6.8µF
1M
R6
R5
C5
AB
C
D
PHASE
LAG/LEAD
NETWORK
RT
AB
CD
PHASE LEAD
RS
C
C
RS
RS
RT
A
B
CD
PHASE LAG
C
PHASE LAG = Arc Tan (Hz RC);
PHASE LEAD = Arc Tan 1/(Hz RC)
WHERE R = RS// (RS + RT)
Figure 13. Interconnection Diagram for Single Supply
Operation
For single supply operation, repeat Steps 1 through 10 of the
design procedure for dual supply operation. R5, R6 and C5 are
additional component values to be determined. VOUT is mea-
sured with respect to SIGNAL REFERENCE.
10. Compute a maximum value of R5 and R6 based upon the
relationship
R5 + R6
≤ V
PS/100
µA
11. The voltage drop across R5 must be greater than
2
+ 10 kΩ
1.2V
R4
+ 2 kΩ
+ 250 µA +
VOUT
4
× R2
 Volts
Therefore
R5
≥
2
+ 10 kΩ
1.2V
R4
+ 2 kΩ +
250
µA +
VOUT
4
× R2
100
µA
Ohms
Based upon the constraints of R5 + R6 (Step 10) and R5 (Step
11), select an interim value of R6.
12. Load current through RL returns to the junction of R5 and
R6, and flows back to VPS. Under maximum load condi-
tions, make sure the voltage drop across R5 is met as de-
fined in Step 11.
As a final check on the power supply voltages, verify that
the peak values of VA and VB are at least 2.5 volts less than
the voltage between +VS and –VS.
13. C5 is a bypass capacitor in the range of 0.1
µF to 1 µF.
Gain Phase Characteristics
To use an LVDT in a closed-loop mechanical servo application,
it is necessary to know the dynamic characteristics of the trans-
ducer and interface elements. The transducer itself is very quick
to respond once the core is moved. The dynamics arise prima-
rily from the interface electronics. Figures 14, 15 and 16 show
the frequency response of the AD698 LVDT Signal Conditioner.
Note that Figures 15 and 16 are basically the same; the differ-
ence is frequency range covered. Figure 15 shows a wider range
of mechanical input frequencies at the expense of accuracy.
FREQUENCY – Hz
0
10k
100
1k
10
0
–30
–60
–70
0
–10
–20
–50
–40
–360
–60
–240
–300
–420
–180
–120
0.1µF
0.33µF
2.0µF
R2 = 81k
Ω
fEXC = 2.5kHz
0.1µF
0.33µF
2.0µF
R2 = 81k
Ω
fEXC = 2.5kHz
Figure 14. Gain and Phase Characteristics vs. Frequency
(0 kHz–10 kHz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com