Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL35822LP Datasheet(PDF) 39 Page - Intersil Corporation

Part # ISL35822LP
Description  Octal 2.488Gbps to 3.187Gbps/ Lane Retimer
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL35822LP Datasheet(HTML) 39 Page - Intersil Corporation

Back Button ISL35822LP Datasheet HTML 35Page - Intersil Corporation ISL35822LP Datasheet HTML 36Page - Intersil Corporation ISL35822LP Datasheet HTML 37Page - Intersil Corporation ISL35822LP Datasheet HTML 38Page - Intersil Corporation ISL35822LP Datasheet HTML 39Page - Intersil Corporation ISL35822LP Datasheet HTML 40Page - Intersil Corporation ISL35822LP Datasheet HTML 41Page - Intersil Corporation ISL35822LP Datasheet HTML 42Page - Intersil Corporation ISL35822LP Datasheet HTML 43Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 75 page
background image
39
IEEE PCS REGISTERS (3.0 TO 3.25/3.0019’H)
Note (1): This bit is not permitted to be a PCS loopback bit by IEEE 802.3ae-2002 subclause 45.2.3.1.2 in 10GBASE-X PCS devices. Intersil has submitted a
maintenance request (#1113) to allow that use of this bit. Many XENPAK hosts, however, expect this loopback (which is mandatory for 10GBASE-R PCS
devices). Setting the 3.C001’h.7 bit, (Table 64) will activate this loopback enable bit, but cause the ISL35822 to be non-conforming to the current 802.3
specification. See “Loopback Modes ” on page 13).
Note (1): This bit is latched low on a detected Fault condition. It is set high on being read.
Note (1): Although the 802.3ae specification describes this register as type R/W, this register cannot have any value other than that reflecting the 10GBASE-X PCS.
Thus writing any other value is ignored, and the register is in effect type RO.
Table 57. IEEE PCS CONTROL 1 REGISTER
MDIO REGISTER ADDRESS = 3.0 (3.0000’h)
BIT(S)
NAME
SETTING
DEFAULT
R/W
DESCRIPTION
3.0.15
1.0.15
4.0.15
Reset
1 = reset
0 = reset done, normal
operation
0’b
R/W SC Writing 1 to this bit will reset the whole chip,
including the MDIO registers.
3.0.14(1)
PCS_LB_EN
Optionally, enable PCS
Loopback, otherwise
reserved
0’b
R/W
If enabled by EN_PCS_LB (see bit 3.C001’h.7,
Table 64) perform PCS Loopback, and is a R/W bit;
otherwise, effectively a reserved RO 0’b bit (1).
3.0.13
Speed Select
1 = 10Gbps
1’b
RO
1 = bits 5:2 select speed
3.0.12
Reserved
00’h
3.0.11
LOPOWER
0 = Normal Power
0’b
R/W
No Low Power Mode, writes ignored
3.0.10:7
Reserved
3.0.6
Speed Select
1 = 10Gbps
1’b
RO
1 = bits 5:2 select speed
3.0.5:2
Speed Select
0000 = 10Gbps
0’h
RO
Operates at 10Gbps
3.0.1:0
Reserved
0’b
Table 58. IEEE PCS STATUS 1 REGISTER
MDIO REGISTER ADDRESS = 3.1 (3.0001’h)
BIT
NAME
SETTING
DEFAULT
R/W
DESCRIPTION
3.1.15:8
Reserved
00’h
3.1.7
Local Fault
1 = PCS Local Fault
0
RO
Derived from Register 3.0008’h
3.1.6:3
Reserved
0’h
3.1.2
Rx Link Up
1 = PCS Rx Link Up
0 = PCS Rx Link Down
1 (1)
RO LL(1)
‘Up’ means CX4/LX4 signal level is OK, Byte
Synch and Lane-Lane Alignment have all
occurred
3.1.1
LoPwrAble
Low Power Ability
0
RO
Device does not support a low power mode
3.1.0
Reserved
0
Table 59. IEEE PCS TYPE SELECT REGISTER
MDIO REGISTER ADDRESS = 3.7 (3.0007’h)
BIT
NAME
SETTING
DEFAULT
R/W
DESCRIPTION
3.7.15:2
Reserved
000’h
3.7.1:0
PCS Type
01 = 10GBASE-X
01b
RO(1)
Writes ignored
ISL35822



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com