Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL35822LP Datasheet(PDF) 21 Page - Intersil Corporation

Part # ISL35822LP
Description  Octal 2.488Gbps to 3.187Gbps/ Lane Retimer
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL35822LP Datasheet(HTML) 21 Page - Intersil Corporation

Back Button ISL35822LP Datasheet HTML 17Page - Intersil Corporation ISL35822LP Datasheet HTML 18Page - Intersil Corporation ISL35822LP Datasheet HTML 19Page - Intersil Corporation ISL35822LP Datasheet HTML 20Page - Intersil Corporation ISL35822LP Datasheet HTML 21Page - Intersil Corporation ISL35822LP Datasheet HTML 22Page - Intersil Corporation ISL35822LP Datasheet HTML 23Page - Intersil Corporation ISL35822LP Datasheet HTML 24Page - Intersil Corporation ISL35822LP Datasheet HTML 25Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 75 page
background image
21
IEEE PMA/PMD REGISTERS (1.0 TO 1.15/1.000F’H)
Note (1): After this RESET bit is written, the ISL35822 will not begin counting PREAMBLE bits immediately. See Figure 17 for details.
Note (1): This bit is latched low on a detected Fault condition. It is set high on being read.
Table 5. IEEE PMA/PMD CONTROL 1 REGISTER
MDIO REGISTER ADDRESS = 1.0 (1.0000’h)
BIT(S)
NAME
SETTING
DEFAULT
R/W
DESCRIPTION
1.0.15
3.0.15
4.0.15
Reset
1 = reset
0 = reset done, normal
operation
0’b
R/W SC Writing 1 to this bit will reset the whole chip,
including the MDIO registers. (1)
1.0.14
Reserved
0’b
1.0.13
Speed Select
1 = 10Gbps
1’b
RO
1 = bits 5:2 select speed
1.0.12
Reserved
0’b
1.0.11
LOPOWER
0 = Normal Power
0’b
R/W
No Low Power Mode, writes ignored
1.0.10:7
Reserved
0’h
1.0.6
Speed Select
1 = 10Gbps
1’b
RO
1 = bits 5:2 select speed
1.0.5:2
Speed Select
0000 = 10Gbps
0’h
RO
Operates at 10Gbps
1.0.1
Reserved
0’b
1.0.0
PMA Loopback
1 = Enable loopback
0 = Normal operation
0’b
R/W
Enable serial loop back mode on all four lanes,
XAUI in to XAUI out.
Table 6. IEEE PMA/PMD STATUS 1 REGISTER
MDIO REGISTER ADDRESS = 1.1 (1.0001’h)
BIT
NAME
SETTING
DEFAULT
R/W
DESCRIPTION
1.1.15:8
Reserved
00’h
1.1.7
Local Fault
1 = PMA Local Fault
0’b
RO
Derived from Register 1.8.11:10
1.1.6:3
Reserved
0’h
1.1.2
Rx Link Up
1 = PMA Rx Link Up
0 = PMA/D Rx Link Down
1’b (1)
RO LL(1)
‘Up’ means CX4/LX4 signal level is OK, and the
PLL locked
1.1.1
LoPwrAble
Low Power Ability
0’b
RO
Device does not support a low power mode
1.1.0
Reserved
0’b
Table 7. IEEE PMA/PMD, PCS, PHY XS, SPEED ABILITY REGISTER
MDIO REGISTER ADDRESSES = 1.4, 3.4 & 4.4 ([1,3,4].0004’h)
BIT
NAME
SETTING
DEFAULT
R/W
DESCRIPTION
1.4.15:3
3.4.15:2
4.4.15:1
Reserved for future
speeds
000’h
1.4.2:1
3.4.1
10PASS-T2/
2BASE-TL
EFM Ability
00’b
RO
Device cannot operate @ 2BASE-TL or 10PASS-
T2
1.4.0
3.4.0
4.4.0
10GbpsAble
10Gbps Ablility
1’b
RO
Device Able to operate @ 10Gbps
ISL35822



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com