Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GS1B Datasheet(PDF) 3 Page - SMC Diode Solutions Co. LTD

Part # GS1B
Description  1.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMCDIODE [SMC Diode Solutions Co. LTD]
Direct Link  https://www.smc-diodes.com
Logo SMCDIODE - SMC Diode Solutions Co. LTD

GS1B Datasheet(HTML) 3 Page - SMC Diode Solutions Co. LTD

  GS1B Datasheet HTML 1Page - SMC Diode Solutions Co. LTD GS1B Datasheet HTML 2Page - SMC Diode Solutions Co. LTD GS1B Datasheet HTML 3Page - SMC Diode Solutions Co. LTD GS1B Datasheet HTML 4Page - SMC Diode Solutions Co. LTD  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Technical Data
Data Sheet N0553, Rev. C
China - Germany - Korea - Singapore - United States 
http://www.smc-diodes.com - sales@ smc-diodes.com 
GS1A-GS1M
For information on tape and reel specifications, including part
orientation and tape sizes, please refer to our tape and reel
packaging specification.
Mechanical Dimensions SMA
SYMBOL
Millimeters
Inches
Min.
Max.
Min.
Max.
A
2.40
2.84
0.094
0.112
B
3.99
4.75
0.157
0.187
C
1.05
1.70
0.041
0.067
D
0.15
0.51
0.006
0.020
E
4.80
5.66
0.189
0.223
F
1.90
2.95
0.075
0.116
G
0.05
0.203
0.002
0.008
H
0.76
1.52
0.030
0.600
Ordering Information
Marking Diagram
Device
Package
Shipping
GS1A-GS1M
SMA
5000pcs / reel
GS1ATR-GS1MTR
SMA
5000pcs / reel
Carrier Tape Specification SMA
SYMBOL
Millimeters
Min.
Max.
A
2.97
3.17
B
5.70
5.90
C
2.32
2.52
d
1.40
1.60
E
1.40
1.60
F
5.60
5.70
P
3.90
4.10
P0
3.90
4.10
P1
1.90
2.10
T
0.25
0.35
W
11.80
12.20
First row: Part Number (GS1A, GS1B,
GS1D, GS1G, GS1J, GS1K, GS1M)
Second row: YYWWL
HF is Halogen Free
YY is the manufacture year,
WW is the manufacture week code,
L is the wafer’s Lot Number



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com