Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GS1B Datasheet(PDF) 1 Page - SMC Diode Solutions Co. LTD

Part # GS1B
Description  1.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMCDIODE [SMC Diode Solutions Co. LTD]
Direct Link  https://www.smc-diodes.com
Logo SMCDIODE - SMC Diode Solutions Co. LTD

GS1B Datasheet(HTML) 1 Page - SMC Diode Solutions Co. LTD

  GS1B Datasheet HTML 1Page - SMC Diode Solutions Co. LTD GS1B Datasheet HTML 2Page - SMC Diode Solutions Co. LTD GS1B Datasheet HTML 3Page - SMC Diode Solutions Co. LTD GS1B Datasheet HTML 4Page - SMC Diode Solutions Co. LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Technical Data
Data Sheet N0553, Rev. C
China - Germany - Korea - Singapore - United States 
http://www.smc-diodes.com - sales@ smc-diodes.com 
GS1A-GS1M
GS1A THRU GS1M
1.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
Characteristic
Symbol GS1A GS1B GS1D GS1G GS1J GS1K GS1M Units
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
50
100
200
400
600
800
1000
V
Maximum RMS voltage
VRMS
35
70
140
280
420
560
700
V
Average Rectified Output Current
@TL= 100°C
IO
1.0
A
Non-Repetitive Peak Forward Surge Current
8.3ms Single half sine-wave superimposed on
rated load (JEDEC Method)
IFSM
30
A
Forward Voltage
@ IF = 1.0 A
VF
1.10
V
Peak Reverse Current
@TA = 25°C
At Rated DC Blocking Voltage @TA = 125°C
IRM
5.0
200
μA
Reverse Recovery Time(Note1)
trr
2.5
μS
Typical Junction Capacitance(Note2)
CJ
15
pF
Typical Thermal Resistance Junction
to Lead (Note 3)
RθJL
30
°C/W
Operating and Storage Temperature Range
TJ,TSTG
-65 to +175
°C
Note: 1. Reverse recovery condition IF=0.5A, IR=1.0A, Irr=0.25A
2. Measured at 1MHz and applied reverse voltage of 4.0V D.C.
3. Mounted on P.C.B.with 8.0mm² land areas.
Features
Circuit Diagram
Mechanical Data
Maximum Ratings and Electrical Characteristics @TA=25°C unless otherwise specified
Case: SMA molded plastic body
Terminals: Solder plated, solderable per MIL-STD-750,
Method 2026
Polarity: Color band denotes cathode end
Mounting Position: Any
Weight: 0.06 grams
Glass Passivated Die Construction
Ideally Suited for Automatic Assembly
Low Forward Voltage Drop
Low Power Loss
Built-in Strain Relief
Plastic Case Material has UL Flammability
Classification Rating 94V-0
This is a Pb − Free Device
“-A” suffix is for Automotive qualified
“-HF” suffix is for Halogen Free Device
All SMC parts are traceable to the wafer lot
Additional testing can be offered upon request
SMA


Similar Part No. - GS1B

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
GS1B PANJIT-GS1B Datasheet
53Kb / 2P
SURFACE MOUNT RECTIFIER(VOLTAGE- 50 to 1000 Volts CURRENT - 1.0 Ampere)
logo
Surge Components
GS1B SURGE-GS1B Datasheet
85Kb / 2P
SURFACE MOUNT RECTIFIER VOLTAGE - 50 TO 1000 Volts CURRENT - 1.0 Ampere?
logo
Transys Electronics
GS1B TRSYS-GS1B Datasheet
172Kb / 2P
SURFACE MOUNT RECTIFIER
logo
Jinan Gude Electronic D...
GS1B JGD-GS1B Datasheet
149Kb / 2P
1.0 AMP. SURFACE MOUNT RECTIFIERS
logo
Dc Components
GS1B DCCOM-GS1B Datasheet
417Kb / 2P
TECHNICAL SPECIFICATIONS OF SURFACE MOUNT SILICON RECTIFIER
More results

Similar Description - GS1B

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
S1A DIODES-S1A Datasheet
54Kb / 2P
1.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
DS16003 Rev. 8 - 2
logo
TAITRON Components Inco...
GL41A TAITRON-GL41A Datasheet
245Kb / 6P
1.0A Surface Mount Glass Passivated Rectifier
logo
Diodes Incorporated
DFLR1800 DIODES-DFLR1800 Datasheet
78Kb / 4P
1.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
DS35075 Rev. 2 - 2
S1A DIODES-S1A_10 Datasheet
100Kb / 4P
1.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
DS16003 Rev. 20 - 2
logo
Johanson Technology Inc...
S1B13F JOHANSON-S1B13F Datasheet
101Kb / 4P
1.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
logo
Diodes Incorporated
S1DB-13-F DIODES-S1DB-13-F Datasheet
120Kb / 4P
1.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
Rev 22
S1G-13 DIODES-S1G-13 Datasheet
101Kb / 4P
1.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
Rev 22
S1GB-13 DIODES-S1GB-13 Datasheet
101Kb / 4P
1.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
Rev 22
S1MDFQ DIODES-S1MDFQ Datasheet
417Kb / 4P
1.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
Rev erse
logo
Zibo Seno Electronic En...
M1F ZSELEC-M1F Datasheet
478Kb / 2P
1.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com