Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMCP700HT Datasheet(PDF) 2 Page - STI Vibration Monitoring Inc.

Part # CMCP700HT
Description  Extreme High Temperature Accelerometer
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STI [STI Vibration Monitoring Inc.]
Direct Link  https://www.stiweb.com/default.asp
Logo STI - STI Vibration Monitoring Inc.

CMCP700HT Datasheet(HTML) 2 Page - STI Vibration Monitoring Inc.

  CMCP700HT Datasheet HTML 1Page - STI Vibration Monitoring Inc. CMCP700HT Datasheet HTML 2Page - STI Vibration Monitoring Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Rev.: 5.1
Issued March 2023
Dimensions
Frequency Response
Ordering Information
CMCP700HT-XXX -XX-XXX
High Temperature Accelerometer with Charge Amplifier, Top Exit
CMCP700HT-XXX -XX
-XXX
-100
100 mV/g Output from Charge Amp (Standard)
-500
500 mV/g Output from Charge Amp
-XX
Cable Length in Meters from Sensor to Charge Amp Cable
-XXX
Length in Meters Out of Charge Amp
-2P
2 Pin MS 5015 Connector Output
Examples
CMCP700HT-100-05-20 High Temperature Accelerometer, 100 mV/g Output, 5 Meters of Cable Between Sensor
and Charge Amp, 20 Meters of Cable Out of Charge Amp
CMCP700HT-500-25-2P High Temperature Accelerometer, 500 mV/g Output, 25 Meters of Cable Between Sensor
and Charge Amp, 2 Pin MS 5015 Connector Output:
Shown Above: Charge Amplifier with 2-Pin MS 5015 Connector



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com