Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMCP700HT Datasheet(PDF) 1 Page - STI Vibration Monitoring Inc.

Part # CMCP700HT
Description  Extreme High Temperature Accelerometer
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STI [STI Vibration Monitoring Inc.]
Direct Link  https://www.stiweb.com/default.asp
Logo STI - STI Vibration Monitoring Inc.

CMCP700HT Datasheet(HTML) 1 Page - STI Vibration Monitoring Inc.

  CMCP700HT Datasheet HTML 1Page - STI Vibration Monitoring Inc. CMCP700HT Datasheet HTML 2Page - STI Vibration Monitoring Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CMCP700HT
Extreme High Temperature Accelerometer
Features
•
480°F (250°C) Temperature Range
•
External Charge Amplified
•
2 Hz to 15 kHz Frequency Range
•
100 mV/g or 500 mV/g Sensitivities
•
Quick Fit Adapter for Easy Installation and Removal
•
Sealed to IP65
•
Braided Armor Cable Sensor Cable (Sensor to Charge Amp)
•
High Temperature Silicone Charge Amp Cable
Typical Applications
Trains, Fans, Motors, Pumps, Compressors, Centrifuges, Conveyors, Air Handlers, Gearboxes, Rolls, Dryers,
Presses, Cooling, HVAC, Spindles, Machine Tooling, Process Equipment and many more.
Technical Performance
Mounted Base Resonance:
22 kHz (100 mV/g Output Model) and 18 kHz (500 mV/g Output Model)
Sensitivity:
100 mV/g and 500 mV/g
Frequency Response:
2 Hz to 10 kHz
±5%
(120 cpm to 600k cpm)
1.5 Hz to 12 kHz ±10%
(90 cpm to 720k cpm)
0.8 Hz to 15 kHz ±3dB
(48 cpm to 900k cpm)
Isolation:
Base Isolated
Measurement Range:
±80 g (100 mV/g Output Model) and ±16 g (500 mV/g Output Model)
Transverse Sensitivity:
Less than 5%
Electrical
Supply Voltage:
18-30 Vdc
Current Range:
0.5 mA to 8 mA
Bias Voltage:
10-12 Vdc
Electrical Noise:
0.1 mg max
Settling Time:
2 Second
Output Impedance:
200 Ohm max.
Case Isolation:
>108 Ohm at 500 Volt
Environmental
Operating Temperature Range:
-67 to 480°F (-55 to 250°C)
Sealing:
IP65
Maximum Shock:
5000 g
Approvals:
CE Approved
Mechanical
Case Material:
Stainless Steel
Sensing Element:
PZT/Compression
Mounting Torque:
5.9ft. lbs (8 Nm)
Weight:
4.4 Oz (139 gram)
Mounting:
Quick Fit Adapter with ¼”-28 and M8 Mounting Studs
Mating Connector:
Integral Cable with Flying Leads or 2-Pin MS 5015 Connector for -2P Version


Similar Part No. - CMCP700HT

ManufacturerPart #DatasheetDescription
logo
STI Vibration Monitorin...
CMCP760B STI-CMCP760B Datasheet
490Kb / 2P
Triaxial Accelerometer, 100 mV/g, M12 Connector
January 2023
CMCP760B-M8 STI-CMCP760B-M8 Datasheet
490Kb / 2P
Triaxial Accelerometer, 100 mV/g, M12 Connector
January 2023
CMCP760T STI-CMCP760T Datasheet
490Kb / 2P
Triaxial Accelerometer, 100 mV/g, M12 Connector
January 2023
CMCP760T-M8 STI-CMCP760T-M8 Datasheet
490Kb / 2P
Triaxial Accelerometer, 100 mV/g, M12 Connector
January 2023
CMCP760TT STI-CMCP760TT Datasheet
541Kb / 2P
Triaxial Accelerometer with Temperature Output
January 2023
More results

Similar Description - CMCP700HT

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
AT549RBT COILCRAFT-AT549RBT Datasheet
316Kb / 1P
Extreme Temperature Coil
logo
Micross Components
XTSC0402-22NF MICROSS-XTSC0402-22NF Datasheet
237Kb / 1P
Extreme Temperature Silicon Capacitor
XTSC0402-33NF MICROSS-XTSC0402-33NF Datasheet
237Kb / 1P
Extreme Temperature Silicon Capacitor
XTSC0402-47NF MICROSS-XTSC0402-47NF Datasheet
237Kb / 1P
Extreme Temperature Silicon Capacitor
logo
Amphenol Wilcoxon Sensi...
735T WILCOXON-735T Datasheet
321Kb / 1P
Seismic accelerometer with temperature sensor
Rev.D.2 08/19
HT780A WILCOXON-HT780A Datasheet
222Kb / 1P
High temperature accelerometer
Rev.B.1 09/18
HT786A WILCOXON-HT786A Datasheet
226Kb / 1P
High temperature accelerometer
Rev.B.1 09/18
HT787A WILCOXON-HT787A Datasheet
270Kb / 1P
High temperature accelerometer
Rev.B.3 01/20
logo
STI Vibration Monitorin...
CMCP760TT STI-CMCP760TT Datasheet
541Kb / 2P
Triaxial Accelerometer with Temperature Output
January 2023
CMCP1100HT STI-CMCP1100HT Datasheet
618Kb / 2P
Low-Cost Accelerometer with High Temperature Cable
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com