Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

135X708 Datasheet(PDF) 3 Page - Marathon Special Products

Part # 135X708
Description  POWER DISTRIBUTION BLOCK 135X708
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARATHON [Marathon Special Products]
Direct Link  https://www.marathonsp.com/index.php
Logo MARATHON - Marathon Special Products

135X708 Datasheet(HTML) 3 Page - Marathon Special Products

  135X708 Datasheet HTML 1Page - Marathon Special Products 135X708 Datasheet HTML 2Page - Marathon Special Products 135X708 Datasheet HTML 3Page - Marathon Special Products 135X708 Datasheet HTML 4Page - Marathon Special Products  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
www.marathonsp.com
3
REV-F 11/25/2019
Product Data Sheet
Short Circuit Current Ratings (SCCR)
• The suitable conductor ranges are limited to the table values only for achieving the SCCR in excess of the default
rating of 10,000A.
• Other conductor combinations within the “Terminal Specifications” noted are suitable for achieving a SCCR of
10,000A (the default rating of terminal blocks).
• Enclosure size – Investigated with a minimum 20x24x8 enclosure. Use in smaller enclosures is subject to end use
evaluation.
• SCCR Ratings apply for Copper Stranded wire only
Installation and Accessories
• Mounting (Panel)
For use with ¼ “fasteners (4 pole)
Mounting torque to be determined in end use application not to exceed 30 in. lbs. (3.4 N.m)
• Covers
Catalog number CH1351
One Cover per pole (Ex: 1353708 ) would need (3) CH1351’s
Covers are black polycarbonate
W i r e
Class
Suitable Conductors
Copper, Stranded
Overcurrent Protection Fuse
Class/Max Amp Rating
SCCR, RMS
SYM Amps
Line
Load
J
T
RK1
RK5
G
CC
L
100,000
B, C
(2) 750 - 2/0
3/0 - 2/0
600
1200
N/A
N/A
N/A
N/A
1200
750 - 1/0
3/0 - 2
600
700
600
200
60
30
N/A
3/0 - 6
300
300
200
100
60
30
N/A
G, H, I
535 - 1/0
2/0 - 2
500
500
400
200
60
30
N/A
2/0 - 6
300
300
200
100
60
30
N/A



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com