Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

135X708 Datasheet(PDF) 1 Page - Marathon Special Products

Part # 135X708
Description  POWER DISTRIBUTION BLOCK 135X708
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARATHON [Marathon Special Products]
Direct Link  https://www.marathonsp.com/index.php
Logo MARATHON - Marathon Special Products

135X708 Datasheet(HTML) 1 Page - Marathon Special Products

  135X708 Datasheet HTML 1Page - Marathon Special Products 135X708 Datasheet HTML 2Page - Marathon Special Products 135X708 Datasheet HTML 3Page - Marathon Special Products 135X708 Datasheet HTML 4Page - Marathon Special Products  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
Product Data Sheet
www.marathonsp.com
POWER DISTRIBUTION BLOCK
135X708
Replace “X” with1, 2, 3 for number of poles
Wire Range
• Line Side: (2) 750 kcmil - 1/0 AWG
• Load Side: (8) 3/0 - 6 AWG
Electrical Ratings:
• 950 Amps
• 600 Volts AC/DC (UL 1953)
• Factory and Field Wiring
Agency Compliance
• cULus - UL Listed, investigated to UL 1953, UL File QPQS.E309401 and UL evaluated to CSA 22.2 No 158 File no. QPQS7.309401
Material Information
• Insulator base:
- Thermoplastic
- Temperature rating: 1250 C (2570 F)
- Flammability rating of insulator base: UL 94 V-0
• Connector - plated aluminum
• Connector mounting screw: plated steel
• RoHS Compliant


Similar Part No. - 135X708

ManufacturerPart #DatasheetDescription
logo
Marathon Special Produc...
135X701 MARATHON-135X701 Datasheet
182Kb / 4P
POWER DISTRIBUTION BLOCK 135X701
REV-E 11/25/19
135X702 MARATHON-135X702 Datasheet
216Kb / 4P
POWER DISTRIBUTION BLOCK Splicer Type 135X702
REV-E 11/25/19
135X703 MARATHON-135X703 Datasheet
198Kb / 4P
POWER DISTRIBUTION BLOCK 135X703
REV-E 11/25/19
135X704 MARATHON-135X704 Datasheet
262Kb / 4P
POWER DISTRIBUTION BLOCK 135X704
REV- F 11/25/2019
135X705 MARATHON-135X705 Datasheet
346Kb / 4P
POWER DISTRIBUTION BLOCK 135X705
REV-E 11/25/19
More results

Similar Description - 135X708

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EPBCP84 ETC1-EPBCP84 Datasheet
266Kb / 4P
ENCLOSED POWER DISTRIBUTION BLOCK
3/17/2021
logo
Marathon Special Produc...
134X360 MARATHON-134X360 Datasheet
726Kb / 3P
Power Distribution Block 134x360
11/09/2023
134X526 MARATHON-134X526 Datasheet
528Kb / 4P
Power Distribution Block 134x526
09/25/23
134X548 MARATHON-134X548 Datasheet
444Kb / 4P
POWER DISTRIBUTION BLOCK 134x548
12/20/2021
134X553 MARATHON-134X553 Datasheet
357Kb / 4P
POWER DISTRIBUTION BLOCK 134x553
12/20/2021
134X580 MARATHON-134X580 Datasheet
441Kb / 4P
POWER DISTRIBUTION BLOCK 134x580
12/20/2021
134X585 MARATHON-134X585 Datasheet
540Kb / 4P
POWER DISTRIBUTION BLOCK 134x585
12/20/2021
134X595 MARATHON-134X595 Datasheet
370Kb / 4P
POWER DISTRIBUTION BLOCK 134x595
12/20/2021
134X597 MARATHON-134X597 Datasheet
363Kb / 4P
POWER DISTRIBUTION BLOCK 134x597
12/20/2021
135X704 MARATHON-135X704 Datasheet
262Kb / 4P
POWER DISTRIBUTION BLOCK 135X704
REV- F 11/25/2019
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com