Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EPBAP71 Datasheet(PDF) 1 Page - Marathon Special Products

Part # EPBAP71
Description  510 Amps 600 Volts AC/DC
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARATHON [Marathon Special Products]
Direct Link  https://www.marathonsp.com/index.php
Logo MARATHON - Marathon Special Products

EPBAP71 Datasheet(HTML) 1 Page - Marathon Special Products

  EPBAP71 Datasheet HTML 1Page - Marathon Special Products EPBAP71 Datasheet HTML 2Page - Marathon Special Products EPBAP71 Datasheet HTML 3Page - Marathon Special Products  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Product Data Sheet
A Regal Brand
www.marathonsp.com
1
EPBAP71
Power Terminal Block
510 Amps 600 Volts AC/DC
Wire Range
•
Line: (2) 250 kcmil - #6 AWG (120 mm2 - 16 mm2)
•
Load: (2) 250 kcmil - #6 AWG (120 mm2 - 16 mm2)
Electrical Ratings
•
510 Amps
•
600V per UL 1059 & CSA 22.2 No.158, class B & C requirements
•
1000 V AC/DC per IEC 60947-7-1 (CE)
•
Short circuit current ratings (SCCR): See SCCR section below for specifications.
•
CU7AL - 75°C connector terminal rating with copper or aluminum wire
•
Touch protection: IP-20 (IEC 60529)
•
Factory & Field Wiring
Agency Compliance
•
UR - UL Recognized Terminal Block, Evaluated to UL 1059, File No.XCFR2.E62806
•
CSA - certifed to C22.2 No. 158, File No. LR19766 (wire classes B & C only)
•
CE compliant to IEC 60947-7-1
Material Information
•
Insulator base:
•
Thermoplastic
•
Flammability rating of insulator base UL94V0
•
Insulator base temperature rating: -40°C to 125°C (UL RTI)
•
Connector: aluminum, tin plated
•
Terminal set screws: aluminum, tin plated
•
Connector mounting screw and roll pins: steel, zinc plated
•
RoHS compliant


Similar Part No. - EPBAP71

ManufacturerPart #DatasheetDescription
logo
Marathon Special Produc...
EPBAP74 MARATHON-EPBAP74 Datasheet
171Kb / 4P
335 Amps 600 Volts AC/DC
REV-J 2/14/18
More results

Similar Description - EPBAP71

ManufacturerPart #DatasheetDescription
logo
Marathon Special Produc...
132X474 MARATHON-132X474 Datasheet
82Kb / 3P
175 Amps 600 Volts AC/DC
REV-B 11/13/13
141X201 MARATHON-141X201 Datasheet
388Kb / 3P
115 Amps 600 Volts AC/DC
REV-C 12/16/16
133X598 MARATHON-133X598 Datasheet
90Kb / 3P
510 Amps 600 Volts AC/DC
REV-E 10/17/13
EPBAD71 MARATHON-EPBAD71 Datasheet
110Kb / 3P
510 Amps A 600 Volts AC/DC
REV-G 2/1/17
EPBCD71 MARATHON-EPBCD71 Datasheet
150Kb / 3P
510 Amps 600 Volts AC/DC
REV-H 2/1/17
EPBCP71 MARATHON-EPBCP71 Datasheet
105Kb / 3P
510 Amps 600 Volts AC/DC
REV-G 2/1/17
133X270 MARATHON-133X270 Datasheet
90Kb / 3P
510 Amps 600 Volts AC/DC
REV-C 10/16/13
133X272 MARATHON-133X272 Datasheet
90Kb / 3P
510 Amps 600 Volts AC/DC
REV-C 10/16/13
133X280 MARATHON-133X280 Datasheet
88Kb / 3P
510 Amps 600 Volts AC/DC
REV-C 10/16/13
MPV6153DD MARATHON-MPV6153DD Datasheet
141Kb / 3P
600 Amps 600/1500 Volts AC/DC
REV-A 08/02/16
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com