Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EPBAP71 Datasheet(PDF) 2 Page - Marathon Special Products

Part # EPBAP71
Description  510 Amps 600 Volts AC/DC
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARATHON [Marathon Special Products]
Direct Link  https://www.marathonsp.com/index.php
Logo MARATHON - Marathon Special Products

EPBAP71 Datasheet(HTML) 2 Page - Marathon Special Products

  EPBAP71 Datasheet HTML 1Page - Marathon Special Products EPBAP71 Datasheet HTML 2Page - Marathon Special Products EPBAP71 Datasheet HTML 3Page - Marathon Special Products  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
www.marathonsp.com
2
PDS 0005 REV-H 1/31/17
Termination Specifications
Line & Load Side
Wire Size
(CU Stranded)
Torque
Wires /
Terminal
Wire Class (UL) 1
250 kcmil - 1
31.1 N·m
(275 lbf·in)
1
B, C, G, H, I (DLO)
2
13.6 N·m
(120 lbf·in)
1
B, C, G, H, I (DLO)
4 - 6
13.6 N·m
(120 lbf·in)
1
B, C
•
Aluminum stranded wire range: 250 kcmil - 6 AWG
•
Wire strip length: 1 3/8 in. (35mm)
•
IP-20 protection: 250 - 4/0 kcmil
•
Terminal screw drive: 8 mm hex
1
For information on copper stranded wire classes please visit:
http://www.marathonsp.com/flexible-stranded-wire.php
Short Circuit Current Ratings (SCCR)
•
The suitable conductor ranges are limited to the table values only for achieving the SCCR in excess of
the default rating of 10,000A.
•
Other conductor combinations within the “Terminal Specifications” noted are suitable for achieving a
SCCR of 10,000A (the default rating of terminal blocks).
•
Enclosure size – Investigated with a minimum 16X12X6 enclosure. Use in smaller enclosures is subject
to end use evaluation.
SCCR With Fuses
* Any wire class evaluated (see terminal specification section)
Wire
Class
Suitable
Conductors
Max Overcurrent Protection Fuse Required
Amp Rating / Class
SCCR RMS
Sym. Amps
600V. Max
Line
Load
J
T
RK1
RK5
G
CC
B, C
250 - 1/0
250 - 1/0
600
600
50,000
B, C
250 - 1/0
250 - 1/0
400
400
400
200
60
30
100,000
B, C
250 - 6
250 - 6
400
400
400
100
60
30
100,000
G, H, I
250 - 1/0
250 - 1/0
300
300
200
100
60
30
100,000
(*)
250 - 6
250 - 6
None
10,000
SCCR with Circuit Break (See Next Page)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com