Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EPBAP74 Datasheet(PDF) 3 Page - Marathon Special Products

Part # EPBAP74
Description  335 Amps 600 Volts AC/DC
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARATHON [Marathon Special Products]
Direct Link  https://www.marathonsp.com/index.php
Logo MARATHON - Marathon Special Products

EPBAP74 Datasheet(HTML) 3 Page - Marathon Special Products

  EPBAP74 Datasheet HTML 1Page - Marathon Special Products EPBAP74 Datasheet HTML 2Page - Marathon Special Products EPBAP74 Datasheet HTML 3Page - Marathon Special Products EPBAP74 Datasheet HTML 4Page - Marathon Special Products  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
www.marathonsp.com
3
PDS 0006 REV-J 2/14/18
Short Circuit Current Ratings (SCCR)
•
The suitable conductor ranges are limited to the table values only for achieving the SCCR in excess of the default
rating of 10,000A.
•
Other conductor combinations within the “Terminal Specifications” noted are suitable for achieving a SCCR of
10,000A (the default rating of terminal blocks).
•
Enclosure size – Investigated with a minimum 16X12X6 enclosure. Use in smaller enclosures is subject to end use
evaluation.
SCCR With Fuses
* Any wire class evaluated (see terminal specification section)
Wire
Class
Suitable
Conductors
Max Overcurrent Protection Fuse Required
Amp Rating / Class
SCCR RMS
Sym. Amps
600V. Max
Line
Load
J
T
RK1
RK5
G
CC
B, C
400 - 3/0
2 - 8
400
400
400
200
60
30
100,000
B, C
400 - 6
2 - 10
200
200
200
100
60
30
100,000
G, H, I
400 - 6
2 - 10
300
300
200
100
60
30
100,000
(*)
400-6 &
3/0-14
2 - 14
None
10,000
1
For information on copper stranded wire classes please visit:
http://www.marathonsp.com/flexible-stranded-wire.php
•
Solid Copper Wiere Range:(1) 10-14 AWG
•
Wire strip length: Top Row: 5/8 in. (16m
Bottom Row: 3/4 om (19 mm)
•
IP-20 protection: 2 - 12 AWG
•
Terminal screw drive: 5 mm hex
Load Side
Wire Size
(CU Stranded)
Torque
Wires /
Terminal
Wire Class (UL) 1
2 - 4
9.0 N·m
(80 lbf·in)
1
B, C, G, H, I (DLO)
6
9.0 N·m
(80 lbf·in)
1 - 2
B, C
1
G, H, I (DLO
8
4.5 N·m
(40 lbf·in)
1 - 2
B, C, G, H, I (DLO)
10 - 14
4.5 N·m
(40 lbf·in)
1 - 4
B, C
1 - 2
I (DLO)
Termination Specifications



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com