Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EPBAP74 Datasheet(PDF) 2 Page - Marathon Special Products

Part # EPBAP74
Description  335 Amps 600 Volts AC/DC
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARATHON [Marathon Special Products]
Direct Link  https://www.marathonsp.com/index.php
Logo MARATHON - Marathon Special Products

EPBAP74 Datasheet(HTML) 2 Page - Marathon Special Products

  EPBAP74 Datasheet HTML 1Page - Marathon Special Products EPBAP74 Datasheet HTML 2Page - Marathon Special Products EPBAP74 Datasheet HTML 3Page - Marathon Special Products EPBAP74 Datasheet HTML 4Page - Marathon Special Products  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
www.marathonsp.com
2
PDS 0006 REV-J 2/14/18
Termination Specifications
Line Side
Terminal
Wire Size
(CU Stranded)
Torque
Wires /
Terminal
Wire Class (UL) 1
400 - 6
400 - 2/0
42.4 N·m
(375 lbf·in)
1
B, C, G, H, I (DLO)
1/0 - 2
42.4 N·m
(375 lbf·in)
1
B, C, G, H, I (DLO)
4 - 6
42.4 N·m
(375 lbf·in)
1
B, C
3/0 - 14
3/0
13.6 N·m
(120 lbf·in)
1
B, C
2/0 - 2
13.6 N·m
(120 lbf·in)
1
B, C, G, H, I (DLO)
4
9.0 N·m (80 lbf·in)
1 - 2
B, C
1
G, H, I (DLO)
6
9.0 N·m (80 lbf·in)
1 - 2
B, C, G, H, I (DLO)
8
4.5 N·m (40 lbf·in)
1 - 2
B, C, G, H, I (DLO)
10 - 14
4.5 N·m (40 lbf·in)
1 - 2
B, C, I (DLO)
•
Solid Copper Wire Range (1) 10 - 14 AWG
•
Wire strip length: 1 7/16 in (36mm) & 1 in. (25mm)
•
IP-20 protection: 400 kcmil - 300 kcmil & 3/0 - 4 AWG
•
Terminal screw drive: 8 mm & 6 mm hex



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com