Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST2045AX Datasheet(PDF) 1 Page - SMC Diode Solutions Co. LTD

Part # ST2045AX
Description  SCHOTTKY BARRIER RECTIFIER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMCDIODE [SMC Diode Solutions Co. LTD]
Direct Link  https://www.smc-diodes.com
Logo SMCDIODE - SMC Diode Solutions Co. LTD

ST2045AX Datasheet(HTML) 1 Page - SMC Diode Solutions Co. LTD

  ST2045AX Datasheet HTML 1Page - SMC Diode Solutions Co. LTD ST2045AX Datasheet HTML 2Page - SMC Diode Solutions Co. LTD ST2045AX Datasheet HTML 3Page - SMC Diode Solutions Co. LTD ST2045AX Datasheet HTML 4Page - SMC Diode Solutions Co. LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Technical Data
Data Sheet N1049, Rev. B
 China - Germany - Korea - Singapore - United States 
 http://www.smc-diodes.com - sales@ smc-diodes.com 
ST2045AX
ST2045AX SCHOTTKY BARRIER RECTIFIER
* Pulse width < 300 µs, duty cycle < 2%
Features
Circuit Diagram
Applications
Maximum Ratings:
Characteristics
Symbol
Condition
Max.
Units
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
-
45
V
Average Rectified Forward Current
IF (AV)
50% duty cycle @TC= 75°C, rectangular
wave form
20
A
Peak One Cycle Non-Repetitive Surge
Current
IFSM
8.3 ms, half Sine pulse, TC= 25°C
250
A
Electrical Characteristics:
Characteristics
Symbol
Condition
Typ.
Max.
Units
Forward Voltage Drop*
VF1
@ 10A, Pulse, TJ = 25 C
@ 20A, Pulse, TJ = 25 C
0.42
0.48
-
0.58
V
VF2
@ 10A, Pulse, TJ = 125 C
@ 20A, Pulse, TJ = 125 C
0.34
0.41
-
0.50
V
Reverse Current*
IR1
@VR = rated VR, TJ = 25 C
0.02
1.2
mA
IR2
@VR = rated VR, TJ = 125 C
18
35
mA
Junction Capacitance
CT
@VR = 5V, TC = 25 C
fSIG = 1MHz
1700
-
pF
Switching power supply
Converters
Free-Wheeling diodes
Reverse battery protection
150C TJ operation
Center tap configuration
Ultralow forward voltage drop
High purity, high temperature epoxy encapsulation for
enhanced mechanical strength and moisture resistance
High frequency operation
Guard ring for enhanced ruggedness and long term reliability
This is a Pb − Free Device
All SMC parts are traceable to the wafer lot
Additional testing can be offered upon request
R-6


Similar Part No. - ST2045AX

ManufacturerPart #DatasheetDescription
logo
Sangdest Microelectroni...
ST2045AX SMC-ST2045AX Datasheet
48Kb / 4P
SCHOTTKY RECTIFIER
More results

Similar Description - ST2045AX

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BYS1190 VISHAY-BYS1190 Datasheet
51Kb / 4P
Schottky Barrier Rectifier
24-Jun-98
logo
Shanghai Sunrise Electr...
1N5820 SSE-1N5820 Datasheet
13Kb / 1P
SCHOTTKY BARRIER RECTIFIER
SB820 SSE-SB820 Datasheet
23Kb / 1P
SCHOTTKY BARRIER RECTIFIER
logo
Fairchild Semiconductor
FYP2004DN FAIRCHILD-FYP2004DN Datasheet
46Kb / 4P
SCHOTTKY BARRIER RECTIFIER
FYPF1010DN FAIRCHILD-FYPF1010DN Datasheet
50Kb / 4P
SCHOTTKY BARRIER RECTIFIER
FYPF2004DN FAIRCHILD-FYPF2004DN Datasheet
46Kb / 4P
SCHOTTKY BARRIER RECTIFIER
logo
Shanghai Lunsure Electr...
SR820 CHENYI-SR820 Datasheet
153Kb / 2P
SCHOTTKY BARRIER RECTIFIER
SRF1620 CHENYI-SRF1620 Datasheet
138Kb / 2P
SCHOTTKY BARRIER RECTIFIER
SRF735 CHENYI-SRF735 Datasheet
178Kb / 2P
SCHOTTKY BARRIER RECTIFIER
logo
Toshiba Semiconductor
CRS14 TOSHIBA-CRS14 Datasheet
191Kb / 6P
Schottky Barrier Rectifier Schottky Barrier Type
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com