Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RMP Datasheet(PDF) 2 Page - RFE international

Part # RMP
Description  SMD RESISTOR ** ANTI-SULFUR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFE [RFE international]
Direct Link  http://www.rfeinc.com
Logo RFE - RFE international

RMP Datasheet(HTML) 2 Page - RFE international

  RMP Datasheet HTML 1Page - RFE international RMP Datasheet HTML 2Page - RFE international RMP Datasheet HTML 3Page - RFE international RMP Datasheet HTML 4Page - RFE international  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Page 2 of 4
RFE International • Tel:(949) 833-1988 • Fax:(949) 833-1788 • E-Mail Sales@rfeinc.com
RoHS
PERORMANCE CHARACTERISTICS
Power Derating Curve
Power rating or current rating is in the case based on continuous full-load at ambient
temperature of 70ºC. For operation at ambient temperature in excess of 70ºC, the load
should be derated in accordance with figure of derating Curve.
Voltage Rating or Current Rating
Operation and Storage Temperature
Operation temperature
MIN
MAX
Storage temperature
Storage humidity
-55ºC
20ºC
30%
30ºC
70ºC
70ºC
Soldering Profile
100
80
1
60
40
1
20
1
0
-55
0
20
40
60 70 80 100 120 140 160
155°C
Operating Temperature Range
-55°C to +155°C
Ambient Temperature (°)
Resistance Range: >1Ω
Rated Voltage: The resistor shall have a DC continuous working voltage or a RMS AC
continuous working voltage at commercial-line frequency and wave form
corresponding to the power rating, as determined formula as follows:
E = Rated Voltage (V)
P = Power Rating (W)
R = Nominal Resistance (Ω)
E = √P x R
250
1
200
1
150
1
100
1
50
Peak:
250
ºC
+5
0
230ºC or Higher
Pre Heating Zone
180ºC
150ºC
90 ± 30 s
30 ± 10 s
Soldering Zone
Heating Time
SMD RESISTOR ** ANTI-SULFUR
RMP Series: Higher Power, Thick Film
C2BB07
2012.12.20



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com