Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RMP Datasheet(PDF) 4 Page - RFE international

Part # RMP
Description  SMD RESISTOR ** ANTI-SULFUR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFE [RFE international]
Direct Link  http://www.rfeinc.com
Logo RFE - RFE international

RMP Datasheet(HTML) 4 Page - RFE international

  RMP Datasheet HTML 1Page - RFE international RMP Datasheet HTML 2Page - RFE international RMP Datasheet HTML 3Page - RFE international RMP Datasheet HTML 4Page - RFE international  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
RoHS
Page 4 of 4
SMD RESISTOR ** ANTI-SULFUR
RFE International • Tel:(949) 833-1988 • Fax:(949) 833-1788 • E-Mail Sales@rfeinc.com
PACKAGE & DIMENSION (mm)
TAPING SPECIFICATION
Unit:mm
Unit:mm
Unit: mm
Paper Type
(P= 2.0 ± 0.1)
Embossed Type
(P= 4.0 ± 0.1)
Type
A
ΦB
ΦC
ΦD
W
ΦM
RMP06 (0603)
7" 5K / Reel
2.0 + 0.5 13.5 + 1.0 21 + 1.0
60 + 1.0
11.5 + 2.0
178 + 2.0
RMP10 (0805)
10" 10K / Reel
2.0 + 0.5 13.5 + 1.0 21 + 1.0
100 + 1.0
11.5 + 2.0
254 + 2.0
RMP12 (1206)
13" 20K / Reel
2.0 + 0.5 13.5 + 1.0 21 + 1.0
100 + 1.0
11.5 + 2.0
330 + 2.0
RMP25 (1210)
7" 5K / Reel
2.0 + 0.5 13.5 + 1.0 21 + 1.0
60 + 1.0
11.5 + 2.0
178 + 2.0
RMP50 (2010)
RMP50S (1812)
RMP2W (2512)
RMP2WS (1218)
16.0 + 2.0
178 + 2.0
2.0 + 0.5 13.5 + 1.0 21 + 1.0
60 + 1.0
7" 4K / Reel
Size
Type
A
B
W
E
F
G
H
T
ΦD
RMP06 (0603) 1.05 + 0.20 1.80 + 0.20 8.0 + 0.20 1.75 + 0.10 3.5 + 0.05 4.0 + 0.10 2.0 + 0.05 0.60 + 0.10 1.50 + 0.10
RMP10 (0805) 1.55 + 0.20 2.30 + 0.20 8.0 + 0.20 1.75 + 0.10 3.5 + 0.05 4.0 + 0.10 2.0 + 0.05 0.60 + 0.10 1.50 + 0.10
RMP12 (1206) 1.90 + 0.20 3.50 + 0.20 8.0 + 0.20 1.75 + 0.10 3.5 + 0.05 4.0 + 0.10 2.0 + 0.05 0.60 + 0.10 1.50 + 0.10
RMP25 (1210) 2.85 + 0.20 3.50 + 0.20 8.0 + 0.20 1.75 + 0.10 3.5 + 0.05 4.0 + 0.10 2.0 + 0.05 0.60 + 0.10 1.50 + 0.10
Type
A
B
W
E
F
G
H
T
ΦD
ΦD1
T1
RMP50 (2010)
2.8 + 0.20 5.60 + 0.20 12 + 0.10 1.75 + 0.10 5.5 + 0.05 4.0 + 0.10 2.0 + 0.05 0.23 + 0.10 1.50 + 0.10 1.50 + 0.10 0.85 + 0.15
RMP50S (1812)
3.40 + 0.20 6.70 + 0.20 12 + 0.10 1.75 + 0.10 5.5 + 0.05 4.0 + 0.10 2.0 + 0.05 0.23 + 0.10 1.50 + 0.10 1.50 + 0.10 0.85 + 0.15
RMP2W (2512)
3.30 + 0.20 4.60 + 0.20 12 + 0.10 1.75 + 0.10 5.5 + 0.05 4.0 + 0.10 2.0 + 0.05 0.23 + 0.10 1.50 + 0.10 1.50 + 0.10 0.85 + 0.15
RMP2WS (1218) 3.30 + 0.20 4.60 + 0.20 12 + 0.10 1.75 + 0.10 5.5 + 0.05 4.0 + 0.10 2.0 + 0.05 0.23 + 0.10 1.50 + 0.10 1.50 + 0.10 0.85 + 0.15
RMP Series: Higher Power, Thick Film
C2BB07
2014.01.13



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com