Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XR1007 Datasheet(PDF) 1 Page - Mimix Broadband

Part # XR1007
Description  11.0-17.0 GHz GaAs MMIC Receiver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIMIX [Mimix Broadband]
Direct Link  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband

XR1007 Datasheet(HTML) 1 Page - Mimix Broadband

  XR1007 Datasheet HTML 1Page - Mimix Broadband XR1007 Datasheet HTML 2Page - Mimix Broadband XR1007 Datasheet HTML 3Page - Mimix Broadband XR1007 Datasheet HTML 4Page - Mimix Broadband XR1007 Datasheet HTML 5Page - Mimix Broadband XR1007 Datasheet HTML 6Page - Mimix Broadband XR1007 Datasheet HTML 7Page - Mimix Broadband XR1007 Datasheet HTML 8Page - Mimix Broadband  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
October 2006 - Rev 13-Oct-06
Mimix Broadband, Inc., 10795 Rockley Rd., Houston, Texas 77099
Tel: 281.988.4600 Fax: 281.988.4615 mimixbroadband.com
Characteristic Data and Specifications are subject to change without notice.
©2006 Mimix Broadband, Inc.
Export of this item may require appropriate export licensing from the U.S. Government. In purchasing these parts, U.S. Domestic customers accept
their obligation to be compliant with U.S. Export Laws.
Mimix Broadband
’s 11.0-17.0 GHz GaAs MMIC receiver has a noise
figure of 2.2 dB and 20.0 dB image rejection across the band. This
device is a three stage LNA followed by an image reject resistive
pHEMT mixer and includes an integrated LO buffer amplifer. The image
reject mixer eliminates the need for a bandpass filter after the LNA to
remove thermal noise at the image frequency. I and Q mixer outputs
are provided and an external 90 degree hybrid is required to select the
desired sideband. This MMIC uses Mimix Broadband
’s 0.15 µm GaAs
PHEMT device model technology, and is based upon electron beam
lithography to ensure high repeatability and uniformity. The chip has
surface passivation to protect and provide a rugged part with backside
via holes and gold metallization to allow either a conductive epoxy or
eutectic solder die attach process. This device is well suited for
Millimeter-wave Point-to-Point Radio, LMDS, SATCOM and VSAT
applications.
11.0-17.0 GHz GaAs MMIC
Receiver
Page 1 of 8
Fully Integrated Design
2.2 dB Noise Figure
13.5 dB Conversion Gain
20 dB Image Rejection
+4 dBm IIP3
+3 dBm LO drive Level
100% On-Wafer RF, DC and Noise Figure Testing
100% Visual Inspection to MIL-STD-883 Method 2010
Features
General Description
Absolute Maximum Ratings
Supply Voltage (Vd)
Supply Current (Id1), (Id3)
Gate Bias Voltage (Vg)
Input Power (RF Pin)
Storage Temperature (Tstg)
Operating Temperature (Ta)
Channel Temperature (Tch)
+6.0 VDC
250, 200 mA
+0.3 VDC
+17 dBm
-65 to +165 OC
-55 to MTTF Table
MTTF Table
Chip Device Layout
(3) Channel temperature affects a device's MTTF. It is
recommended to keep channel temperature as low as
possible for maximum life.
3
3
Electrical Characteristics (AmbientTemperatureT = 25o C)
Units
GHz
GHz
GHz
dB
dB
dBm
dBc
dB
dB
dBm
VDC
VDC
VDC
VDC
VDC
mA
mA
Min.
11.0
9.0
DC
-
10.0
-
15.0
-
-
-
-
-
-1.2
-1.2
-1.2
-
-
Typ.
-
-
2.0
15.0
13.5
+3.0
20.0
2.2
40.0/40.0
+4.0
+4.0
+4.0
-0.3
-0.1
-0.5
80
100
Max.
17.0
19.0
TBD
-
-
-
-
3.0
-
-
+5.0
+5.0
+0.1
+0.1
+0.1
120
150
Parameter
Frequency Range (RF)
Frequency Range (LO)
Frequency Range (IF)
Input Return Loss RF (S11)
Small Signal Conversion Gain RF/IF (S21)2
LO Input Drive (PLO)
Image Rejection2
Noise Figure (NF)2
Isolation LO/RF
Input Third Order Intercept (IIP3)
Drain Bias Voltage (Vd1)
Drain Bias Voltage (Vd3)
Gate Bias Voltage (Vg1,2)
Gate Bias Voltage (Vg3)
Gate Bias Voltage (Vg4) Mixer, Doubler
Supply Current (Id1) (Vd1=3.0, Vg=-0.3V Typical)
Supply Current (Id3) (Vd3=5.0V,Vg=-0.1V Typical)
(1) Measured using constant current.
(2) Guaranteed specifications from 12 to 15 GHz.
1
R1007


Similar Part No. - XR1007

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
XR1007 MIMIX-XR1007 Datasheet
190Kb / 8P
11.0-17.0 GHz GaAs MMIC Receiver
XR1007-BD MIMIX-XR1007-BD Datasheet
270Kb / 8P
11.0-17.0 GHz GaAs MMIC
XR1007-BD MIMIX-XR1007-BD_08 Datasheet
270Kb / 8P
11.0-17.0 GHz GaAs MMIC
XR1007-QD MIMIX-XR1007-QD Datasheet
269Kb / 6P
10.0-18.0 GHz GaAs Receiver QFN, 7x7 mm
XR1007-QD MIMIX-XR1007-QD Datasheet
245Kb / 6P
10.0-18.0 GHz GaAs Receiver QFN, 7x7 mm
More results

Similar Description - XR1007

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
XR1000 MIMIX-XR1000 Datasheet
490Kb / 6P
17.0-27.0 GHz GaAs MMIC Receiver
XR1007 MIMIX-XR1007 Datasheet
190Kb / 8P
11.0-17.0 GHz GaAs MMIC Receiver
CMM1118-QT MIMIX-CMM1118-QT_10 Datasheet
1Mb / 6P
11.0-20.0 GHz GaAs MMIC
XB1007-QT MIMIX-XB1007-QT_10 Datasheet
684Kb / 6P
4.0-11.0 GHz GaAs MMIC
XL1001-BD MIMIX-XL1001-BD_10 Datasheet
1Mb / 9P
17.0-35.0 GHz GaAs MMIC
XP1019-BD MIMIX-XP1019-BD_08 Datasheet
292Kb / 8P
17.0-24.0 GHz GaAs MMIC
XP1070-BD MIMIX-XP1070-BD Datasheet
1Mb / 11P
14.5-17.0 GHz GaAs MMIC
XR1007-BD MIMIX-XR1007-BD_08 Datasheet
270Kb / 8P
11.0-17.0 GHz GaAs MMIC
XU1010-BD MIMIX-XU1010-BD_09 Datasheet
1Mb / 1P
17.0-34.0 GHz GaAs MMIC
logo
M/A-COM Technology Solu...
XP1019-BD MA-COM-XP1019-BD Datasheet
292Kb / 8P
17.0-24.0 GHz GaAs MMIC
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com