Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NE5900 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # NE5900
Description  Call progress decoder
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

NE5900 Datasheet(HTML) 4 Page - NXP Semiconductors

  NE5900 Datasheet HTML 1Page - NXP Semiconductors NE5900 Datasheet HTML 2Page - NXP Semiconductors NE5900 Datasheet HTML 3Page - NXP Semiconductors NE5900 Datasheet HTML 4Page - NXP Semiconductors NE5900 Datasheet HTML 5Page - NXP Semiconductors NE5900 Datasheet HTML 6Page - NXP Semiconductors NE5900 Datasheet HTML 7Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Philips Semiconductors
Product specification
NE5900
Call progress decoder
1986 May 8
4
At the start of an in-band tone (envelope output goes high), a 2.3
second interval is timed out. Transitions of the envelope during this
interval are counted to determine the signal present. At 2.3
seconds, the three bits of data representing this decision are stored
in the latch and appear at the outputs. A data valid signal goes high
at this time, signaling that the data bits, Pins 10 – 12, can be read.
The output code is as follows:
Pin 12
Pin 11
Pin 10
Dial Tone
0
0
0
Ringing Signal
1
0
0
Busy Signal
0
1
0
Re-order Tone
0
0
1
Overflow
1
1
1
The overflow condition occurs in the event that too many transitions
occur during the 2.3 second interval. This can result from noise,
voice, or other line disturbances not normally present during the
post-dialing interval. Note that the end of dial tone in interpreted as
a valid ringing signal.
The clear input resets all internal registers and the output latch, and
is to be set low after the completion of dialing. The clear input
should be pulsed high for proper operation. Recommended pulse
width is between 0.2
µs and 20ms. If clear is held high when
envelope is high, a false output pulse (Pin 13) can result when clear
is returned low.
For applications where dialing is done by a person rather than by a
microprocessor, an uncertainty exists about the number of digits to
be dialed (local vs long distance). In such situations it is possible to
clear the NE5900 by application of the DTMF signal or dial pulses to
the clear pin (Pin 6). When dialing is complete, the device is cleared
and ready to respond to the next call progress unit.
Enable is held at 5V to enable Pins 10, 11, 12 and 13. When enable
is brought low, data valid is also set low. Enable must remain high
while the data is also set low. Enable must remain high while the
data is being read. The test pin is for production test only and must
be kept low in all user applications.
INPUT
10k
FILTER
ANTI-ALIAS
OSCILLATOR
3.58MHz
FILTER
SC BANDPASS
LOGIC
DECODER
LATCHES
DECODER
DETECTOR
ANALOG
BUFFERS
TRI-STATE
BUFFER
DIVIDERS
CLOCK
R1
R2
10k
VREF
5V
0V
FILTER
LOWPASS
DETECTOR
DIGITAL
EXT CLOCK
IN/XTAL1
IN/XTAL2
CLEAR
IN
COUNT IN
PROGRESS
DATA VALID
TRI-STATE
ENABLE
ENVELOPE
BIT 1
BIT 2
BIT 3
TIMER
2.3 SECOND
SR01144
Figure 3. Detailed Block Diagram CPD
Figure 4 shows a typical application of the call progress decoder.
In this application only one external component is needed an no
microprocessor activity other than clear is required.
Figure 5 shows the recommended direct interface to the telephone
line. Bus connection is possible by utilizing tri-state, and internal
timing is accomplished with a 3.58MHz crystal.
The designer can utilize the input signal, clock, bus, or
microprocessor interface which best serves the application. Figure
6 gives a typical timing diagram for the application of Figures 4 and
5.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com