Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NE5900 Datasheet(PDF) 1 Page - NXP Semiconductors

Part # NE5900
Description  Call progress decoder
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

NE5900 Datasheet(HTML) 1 Page - NXP Semiconductors

  NE5900 Datasheet HTML 1Page - NXP Semiconductors NE5900 Datasheet HTML 2Page - NXP Semiconductors NE5900 Datasheet HTML 3Page - NXP Semiconductors NE5900 Datasheet HTML 4Page - NXP Semiconductors NE5900 Datasheet HTML 5Page - NXP Semiconductors NE5900 Datasheet HTML 6Page - NXP Semiconductors NE5900 Datasheet HTML 7Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Philips Semiconductors
Product specification
NE5900
Call progress decoder
1
1986 May 8
853-0842 83667
DESCRIPTION
The NE5900 call progress decoder (CPD) is a low cost, low power
CMOS integrated circuit designed to interface with a
microprocessor-controlled smart telephone capable of making
preprogrammed telephone calls. The call progress decoder
information to permit microprocessor decisions whether to initiate,
continue, or terminate calls. A tri-state, 3-bit output code indicates
the presence of dial tone, audible ring-back, busy signal, or re-order
tones.
A front-end bandpass filter is accomplished with switched
capacitors. The bandshaped signal is detected and the cadence is
measured prior to output decoding. In addition to the three data bits,
a buffered bandpass output and envelope output are available. All
logic inputs and outputs can interface with LSTTL, CMOS and
NMOS.
Circuit features include low power consumption and easy
application. Few and inexpensive external components are
required. A typical application requires a 3.58MHz crystal or clock,
470k
Ω resistor, and two bypass capacitors. The NE5900 is effective
where traditional call progress tones, PBX tones, and precision call
progress tones must be correctly interpreted with a single circuit.
FEATURES
Fully decoded tri-state call progress status output
Works with traditional, precision, or PBX call progress tones
Low power consumption
Low cost 3.58MHz crystal or clock
No calibration or adjustment
Interfaces with LSTLL, CMOS, NMOS
Easy application
PIN CONFIGURATION
D1 and N Packages
TRI-STATE ENABLE
DATA VALID
BIT 2
BIT 3
BIT 1
ENVELOPE
ANALOG OUT
5V
EXT CLOCK IN/XTAL1
0V
CLEAR IN
COUNT IN PROGRESS
TEST IN
XTAL2
VREF
INPUT
1
2
3
4
5
6
7
8
9
10
11
12
13
14
16
15
NOTE:
1. SOL — Released in large SO package only.
TOP VIEW
SR01142
Figure 1. Pin Configuration
APPLICATIONS
Modems
PBXs
Security equipment
Auto dialers
Answering machines
Remote diagnostics
Pay telephones
ORDERING INFORMATION
DESCRIPTION
TEMPERATURE RANGE
ORDER CODE
DWG #
16-Pin Plastic Small Outline (SOL) Package
0 to +70
°C
NE5900DK
SOT162-1
16-Pin Plastic Dual In-Line (DIP) Package
0 to +70
°C
NE5900N
SOT38-4


Similar Part No. - NE5900

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
NE590 PHILIPS-NE590 Datasheet
122Kb / 9P
Addressable peripheral drivers
August 31, 1994
NE590N PHILIPS-NE590N Datasheet
122Kb / 9P
Addressable peripheral drivers
August 31, 1994
More results

Similar Description - NE5900

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FX633 ETC-FX633 Datasheet
331Kb / 12P
Call Progress Tone Detector
BU8877 ETC-BU8877 Datasheet
102Kb / 3P
Call Progress Tone Decoder for Telephone
logo
Holtek Semiconductor In...
HT9020B HOLTEK-HT9020B Datasheet
120Kb / 7P
Call Progress Tone Detector
March 31, 2003
logo
List of Unclassifed Man...
FX623 ETC-FX623 Datasheet
49Kb / 6P
Call Progress Tone Decoder
logo
Holtek Semiconductor In...
HT9020 HOLTEK-HT9020 Datasheet
476Kb / 12P
Call Progress Tone Decoder & ABR Controller
21st Aug 98
logo
CML Microcircuits
MX613 CMLMICRO-MX613 Datasheet
141Kb / 10P
Global Call Progress Detector
FX623 CMLMICRO-FX623 Datasheet
50Kb / 6P
Call Progress Tone Decoder
FX633 CMLMICRO-FX633 Datasheet
299Kb / 13P
Call Progress Tone Detector
FX643 CMLMICRO-FX643 Datasheet
274Kb / 14P
Call Progress Tone Detector
FX663 CMLMICRO-FX663 Datasheet
304Kb / 17P
Call Progress Decoder
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com