Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

6SC30AXC Datasheet(PDF) 1 Page - Marathon Special Products

Part # 6SC30AXC
Description  200kA Withstand Rating (SC)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARATHON [Marathon Special Products]
Direct Link  https://www.marathonsp.com/index.php
Logo MARATHON - Marathon Special Products

6SC30AXC Datasheet(HTML) 1 Page - Marathon Special Products

  6SC30AXC Datasheet HTML 1Page - Marathon Special Products 6SC30AXC Datasheet HTML 2Page - Marathon Special Products  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
Product Data Sheet
www.marathonsp.com
Wire Range
•
Line/Load #6-18 AWG CU
•
Factory & Field Wiring
Electical Ratings
•
30 Amps max
•
600 Volts (AC/DC)
•
200kA Withstand Rating (SC)
Agency Compliance
•
cULus Listed file no. IZLT.E35113
•
CE compliant to IEC 60947-1
•
IEC 60529 degree of protection IP20
Material Information
•
Insulator base:
•
Glass filled polyamide
•
Flammability rating of insulator base UL94 V-2
•
Insulator base temperature rating: -40°C to 130°C (UL RTI)
•
Fuseclips & Contacts - plated copper
•
Terminal Box, Spring & Screws - plated steel
•
RoHS compliant
Fuse Holder, Enclosed
6SC30AxC
Replace “x” with 1, 2, or 3 for number of poles.
For use with class CC fuses only.


Similar Part No. - 6SC30AXC

ManufacturerPart #DatasheetDescription
logo
Marathon Special Produc...
6SC30AXIC MARATHON-6SC30AXIC Datasheet
397Kb / 2P
200kA Withstand Rating (SC)
10/05/23
More results

Similar Description - 6SC30AXC

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
MJS100 BEL-MJS100 Datasheet
89Kb / 2P
Lightning Surge Withstand Fuse
logo
ON Semiconductor
ENA1035 ONSEMI-ENA1035 Datasheet
178Kb / 25P
CMOS IC FROM 66K byte, RAM 2048 byte on-chip 8-bit 1-chip Microcontroller
May, 2013 Ver.1.00
2SK4124 ONSEMI-2SK4124 Datasheet
281Kb / 7P
N-Channel Power MOSFET 500V, 20A, 430mΩ, TO-3P-3L
July, 2013
logo
Seiko Instruments Inc
S-5731NSL1-M3T2U SII-S-5731NSL1-M3T2U Datasheet
881Kb / 15P
HIGH-WITHSTAND VOLTAGE
S-5742NBL0I-Y3N2U SII-S-5742NBL0I-Y3N2U Datasheet
1Mb / 21P
HIGH-WITHSTAND VOLTAGE HIGH-SPEED
logo
Marathon Special Produc...
6J600AXBFBD MARATHON-6J600AXBFBD Datasheet
328Kb / 3P
Approved for 200,000 Amp Withstand Rating
09/08/2022
6SC30AXIC MARATHON-6SC30AXIC Datasheet
397Kb / 2P
200kA Withstand Rating (SC)
10/05/23
6T100AXB MARATHON-6T100AXB Datasheet
353Kb / 3P
Approved for 200,000 Amp Withstand Rating
10/27/2023
M6T200AXB MARATHON-M6T200AXB Datasheet
719Kb / 3P
Approved for 200,000 Amp Withstand Rating
REV 10/09/20
R6J100A3B MARATHON-R6J100A3B Datasheet
232Kb / 3P
Approved for 200,000 Amp Withstand Rating
REV-D 05/06/2019
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com