Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

6SC30AXC Datasheet(PDF) 2 Page - Marathon Special Products

Part # 6SC30AXC
Description  200kA Withstand Rating (SC)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARATHON [Marathon Special Products]
Direct Link  https://www.marathonsp.com/index.php
Logo MARATHON - Marathon Special Products

6SC30AXC Datasheet(HTML) 2 Page - Marathon Special Products

  6SC30AXC Datasheet HTML 1Page - Marathon Special Products 6SC30AXC Datasheet HTML 2Page - Marathon Special Products  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.marathonsp.com
2
10/05/23
Product Data Sheet
Termination Specifications
Line/Load Side
Wire Size
(CU Stranded)
Torque
Wires /
Terminal
Wire Class
(UL)
#6-8 AWG
18 lbf·in
(2 N·m)
1
B, C
#10-18 AWG
18 lbf·in
(2 N·m)
1-2
B, C, K
#10-18 AWG
25 lbf·in
(2.8 N·m)
1
SOLID
•
Wire strip length: 1/2”
•
Terminal screw drive: Pozidriv style Phillips-Slot
Installation & Accessories
•
Din-Rail mountable on (any) 35mm wide rail: MN35-2 (35 X 7.5mm, 2m long)
•
End Brackets: MSK35
•
Pin Kit (for ganging multiple poles): EFH-MCCK-B Includes 10 handle pins and 20 body clips.
Use one handle and two body clips per pole.
Drawings



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com