Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PX3511BDAG-R3 Datasheet(PDF) 3 Page - Intersil Corporation

Part # PX3511BDAG-R3
Description  Advanced Synchronous Rectified Buck MOSFET Drivers with Protection Features
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

PX3511BDAG-R3 Datasheet(HTML) 3 Page - Intersil Corporation

  PX3511BDAG-R3 Datasheet HTML 1Page - Intersil Corporation PX3511BDAG-R3 Datasheet HTML 2Page - Intersil Corporation PX3511BDAG-R3 Datasheet HTML 3Page - Intersil Corporation PX3511BDAG-R3 Datasheet HTML 4Page - Intersil Corporation PX3511BDAG-R3 Datasheet HTML 5Page - Intersil Corporation PX3511BDAG-R3 Datasheet HTML 6Page - Intersil Corporation PX3511BDAG-R3 Datasheet HTML 7Page - Intersil Corporation PX3511BDAG-R3 Datasheet HTML 8Page - Intersil Corporation PX3511BDAG-R3 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Typical Application - 4 Channel Converter Using ISL6595 and PX3511A Gate Drivers
+12V
+5V
RTHERM
+3.3V
FROM µP
I2C I/F
BUS
TO µP
FAULT
OUTPUTS
PX3511
PX3511
PX3511
PX3511
Vout
RTN
8
7
5
6
8
7
5
6
8
7
5
6
8
7
5
6
1
2
4
3
1
2
4
3
1
2
4
3
1
2
4
3
ISL6595
V12_SEN
GND
OUT1
OUT2
ISEN1
OUT3
OUT4
ISEN2
OUT5
OUT6
ISEN3
OUT7
OUT8
ISEN4
OUT9
OUT10
ISEN5
OUT11
OUT12
ISEN6
TEMP_SEN
CAL_CUR_EN
CAL_CUR_SEN
VSENP
VSENN
VDD
VID4
VID3
VID2
VID1
VID0
VID5
LL0
LL1
OUTEN
VCC_PWRGD
RESET_N
FAULT1
FAULT2
SDA
SCL
SADDR
ISEN5
UGATE
BOOT
PWM
GND
PHASE
PVCC
VCC
LGATE
UGATE
BOOT
PWM
GND
PHASE
PVCC
VCC
LGATE
UGATE
BOOT
PWM
GND
PHASE
PVCC
VCC
LGATE
UGATE
BOOT
PWM
GND
PHASE
PVCC
VCC
LGATE



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com