Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PX3511BDAG-R3 Datasheet(PDF) 2 Page - Intersil Corporation

Part # PX3511BDAG-R3
Description  Advanced Synchronous Rectified Buck MOSFET Drivers with Protection Features
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

PX3511BDAG-R3 Datasheet(HTML) 2 Page - Intersil Corporation

  PX3511BDAG-R3 Datasheet HTML 1Page - Intersil Corporation PX3511BDAG-R3 Datasheet HTML 2Page - Intersil Corporation PX3511BDAG-R3 Datasheet HTML 3Page - Intersil Corporation PX3511BDAG-R3 Datasheet HTML 4Page - Intersil Corporation PX3511BDAG-R3 Datasheet HTML 5Page - Intersil Corporation PX3511BDAG-R3 Datasheet HTML 6Page - Intersil Corporation PX3511BDAG-R3 Datasheet HTML 7Page - Intersil Corporation PX3511BDAG-R3 Datasheet HTML 8Page - Intersil Corporation PX3511BDAG-R3 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2
FN6462.0
February 26, 2007
Ordering Information
PART NUMBER
PART MARKING
TEMP. RANGE (°C)
PACKAGE
PKG. DWG. #
PX3511ADAG (Note)
PX3511 ADAG
0 to +85
8 Ld SOIC (Pb-free)
M8.15
PX3511ADAG-R3 (Note)
PX3511 ADAG
0 to +85
8 Ld SOIC (Pb-free) Tape and Reel
M8.15
PX3511ADDG
11AD
0 to +85
10 Ld 3x3 DFN
L10.3x3
PX3511ADDG-RA
11AD
0 to +85
10 Ld 3x3 DFN Tape and Reel
L10.3x3
PX3511BDAG (Note)
PX351 BDAG
0 to +85
8 Ld SOIC (Pb-free)
M8.15
PX3511BDAG-R3 (Note)
PX3511 BDAG
0 to +85
8 Ld SOIC (Pb-free) Tape and Reel
M8.15
PX3511BDDG
11BD
0 to +85
10 Ld 3x3 DFN
L10.3x3
PX3511BDDG-RA
11BD
0 to +85
10 Ld 3x3 DFN Tape and Reel
L10.3x3
NOTE: Intersil Pb-free plus anneal products employ special Pb-free material sets; molding compounds/die attach materials and 100% matte tin plate
termination finish, which are RoHS compliant and compatible with both SnPb and Pb-free soldering operations. Intersil Pb-free products are MSL
classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020.
Pinouts
PX3511ACB, PX3511BCB
(8 LD SOIC)
TOP VIEW
PX3511ACR, PX3511BCR
(10 LD 3x3 DFN)
TOP VIEW
UGATE
BOOT
PWM
GND
1
2
3
4
8
7
6
5
PHASE
PVCC
VCC
LGATE
1
2
3
4
5
9
8
7
6
10
USB
PPR
CHG
NTC or OVP
USBP
IUSB
ICDL
GND
BAT
or EN
CRD L
UGATE
BOOT
N/C
GND
PHASE
PW M
PVCC
N/C
VCC
LGATE
Block Diagram
PX3511A AND PX3511B
PVCC
VCC
PWM
+5V
10K
8K
BOOT
UGATE
PHASE
LGATE
GND
FOR DFN -DEVICES, THE PAD ON THE BOTTOM SIDE OF
PAD
THE PACKAGE MUST BE SOLDERED TO THE CIRCUIT’S GROUND.
UVCC = VCC FOR PX3511A
CONTROL
LOGIC
POR/
SHOOT-
THROUGH
PROTECTION
Pre-POR OVP
(LVCC)
UVCC = PVCC FOR PX3511B
UVCC
FEATURES
PX3511A, PX3511B



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com