Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPW Datasheet(PDF) 2 Page - CamdenBoss Ltd.

Part # CPW
Description  Push-in fast connectors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CAMDENBOSS [CamdenBoss Ltd.]
Direct Link  https://www.camdenboss.com/
Logo CAMDENBOSS - CamdenBoss Ltd.

CPW Datasheet(HTML) 2 Page - CamdenBoss Ltd.

  CPW Datasheet HTML 1Page - CamdenBoss Ltd. CPW Datasheet HTML 2Page - CamdenBoss Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
081
TERMINAL STRIPS
+44 (0)1638 716101 | sales@camdenboss.com | www.camdenboss.com
We operate a constant improvement policy, our products are subject to change without notice.
Vers 1
TERMINAL S TRIPS
90
DIECAST
ACCESSORIES
PCB TERMINAL
BLOCKS
0 02
0 95
100
151
WIRE TO BOARD
CONNECTORS
CIRCULAR
CONNECTORS
IP68 CONNECTORS
158
INTERFACE
MODULES AND
RELAY BASES
FM 28614
EMS 613558
EARTH A
EARTH B
EARTH C
PART NO.
TERMINAL S TRIP
CSR6
CPW
S tr ain r elief
CSR
Base thickness
max 1mm
31
20
30
58
30
3.5
20
Pr oduct o v ervie w
• Clamps external conductors in
lighting fixtures according to EN
60598
• Natural colour PA6
• Relieves strain on cables
• Prevents conductors from twisting
• Protects wire coating from abrasion
and friction



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com