Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPW Datasheet(PDF) 1 Page - CamdenBoss Ltd.

Part # CPW
Description  Push-in fast connectors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CAMDENBOSS [CamdenBoss Ltd.]
Direct Link  https://www.camdenboss.com/
Logo CAMDENBOSS - CamdenBoss Ltd.

CPW Datasheet(HTML) 1 Page - CamdenBoss Ltd.

  CPW Datasheet HTML 1Page - CamdenBoss Ltd. CPW Datasheet HTML 2Page - CamdenBoss Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
+44 (0)1638 716101 | sales@camdenboss.com | www.camdenboss.com
We operate a constant improvement policy, our products are subject to change without notice.
Vers 1
89
DIECAST
ACCESSORIES
DIECAST
ACCESSORIES
PCB TERMINAL
BLOCKS
0 02
081
0 95
100
118
TERMINAL STRIPS
WIRE TO BOARD
CONNECTORS
CIRCULAR
CONNECTORS
IP68 CONNECTORS
TERMINAL S TRIPS
158
INTERFACE
MODULES AND
RELAY BASES
FM 28614
EMS 613558
P ush-in f as t c onnect ors
Pr oduct o v ervie w
• Screwless connectors for fast and secure wiring installations
• Installation side wires held by lever clamp
• Appliance side held by spring clamp
• Additional entry for cable capacitors
• Suitable for rigid and single strand copper wire
• Moulded in UL94-V0 self extinguishing PA66
• 2 to 5 poles
• Three different types of earth
• Fixing pin options
• Custom terminal markings available on request
• Halogen free
• Glow wire tested EN60695-2-11
•
,
,
approved
SPECIFICATION
Rating
24A 450VAC
Working temperature
-30°C to 110°C
Moulding
UL94-V0 flame retardant PA66
Insert strap
Steel
Insert
Steel
Marking
Standard
N
Neutral
L
Live
Earth
Cable capacity
Appliance side max.
Appliance side min.
Capacitor max.
Capacitor min.
Installation side max.
Installation side min.
2x 2.5mm2
0.75mm2
0.75mm2
0.5mm2
2x 2.5mm2
1mm2
Wire trimmings lengths
0.5mm2 to 1mm2
1.5mm2 to 2mm2
Capacitor
8mm - 9mm
9mm - 10mm
9mm - 11mm
POLES
WITHOUT
EARTHING
EARTH A
EARTH B
EARTH C
2
CPW2
-
-
-
3(2 + Earth)
CPW3
CPW3A
CPW3B
CPW3C
4(3 + Earth)
CPW4
CPW4A
CPW4B
CPW4C
5(4 + Earth)
CPW5
CPW5A
CPW5B
CPW5C
POLES
WITHOUT
EARTHING
EARTH A
EARTH B
EARTH C
3(2 + Earth)
CPW3S
CPW3SA
CPW3SB
CPW3SC
4(3 + Earth)
CPW4S
CPW4SA
CPW4SB
CPW4SC
5(4 + Earth)
CPW5S
CPW5SA
CPW5SB
CPW5SC
W ithout fixing pins
W ith fixing pins
CPW
CPW2
CPW3
CPW4
CPW5
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
20
20
20
19
29
39
49
27.8
27.8
39
49
19
29
CPW2
CPW3
CPW4
CPW5
CPW
CPW5S
CPW4S
CPW3S
CPW2S
CPWS


Similar Part No. - CPW

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CPW VISHAY-CPW Datasheet
99Kb / 3P
Wirewound Resistors, Commercial Power, Axial Lead
09-Jan-12
logo
Cree, Inc
CPW2-0600-S006B CREE-CPW2-0600-S006B Datasheet
230Kb / 3P
Silicon Carbide Schottky Diode Chip
CPW2-0600-S008B CREE-CPW2-0600-S008B Datasheet
227Kb / 3P
Silicon Carbide Schottky Diode Chip
logo
WOLFSPEED, INC.
CPW2-0600-S008B WOLFSPEED-CPW2-0600-S008B Datasheet
225Kb / 3P
Silicon Carbide Schottky Diode Chip Z-RecTM Rectifier
logo
Cree, Inc
CPW2-0600-S010B CREE-CPW2-0600-S010B Datasheet
325Kb / 4P
Silicon Carbide Schottky Diode Chip
More results

Similar Description - CPW

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
RP17-13P-12PC HIROSE-RP17-13P-12PC Datasheet
266Kb / 6P
Push-Pull Lock Connectors
RP17-13P-12PC HIROSE-RP17-13P-12PC_1 Datasheet
365Kb / 6P
Push-Pull Lock Connectors
logo
Yamaichi Electronics Co...
CN015RZ-2313-0 YAMAICHI-CN015RZ-2313-0 Datasheet
84Kb / 1P
Push-in / Push-out, Low Profile
FRS012-2200-0 YAMAICHI-FRS012-2200-0 Datasheet
149Kb / 2P
4-in-1 Card Connector (Push / Push)
logo
Amphenol Corporation
00110930040 AMPHENOL-00110930040 Datasheet
2Mb / 36P
PUSH-PULL CONNECTORS
logo
AVX Corporation
006200167032800 AVX-006200167032800 Datasheet
2Mb / 36P
pUSH-pULL CONNECTORS
logo
List of Unclassifed Man...
HR10-10P-12S ETC1-HR10-10P-12S Datasheet
2Mb / 20P
Push-Pull Connectors
HR10A-TC-02 ETC2-HR10A-TC-02 Datasheet
2Mb / 20P
Push-Pull Connectors
EPRC05 ETC2-EPRC05 Datasheet
343Kb / 2P
Push-Pull Circular connectors
2018/12
C02250605 ETC1-C02250605 Datasheet
1Mb / 27P
PUSH-IN fittings, metric
2015
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com