Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CTBP90VG/2 Datasheet(PDF) 1 Page - CamdenBoss Ltd.

Part # CTBP90VG/2
Description  5mm pitch inline screw PCB terminal blocks
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CAMDENBOSS [CamdenBoss Ltd.]
Direct Link  https://www.camdenboss.com/
Logo CAMDENBOSS - CamdenBoss Ltd.

CTBP90VG/2 Datasheet(HTML) 1 Page - CamdenBoss Ltd.

  CTBP90VG/2 Datasheet HTML 1Page - CamdenBoss Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
+44 (0)1638 716101 | sales@camdenboss.com | www.camdenboss.com
We operate a constant improvement policy, our products are subject to change without notice.
Vers 1
29
081
0 95
100
151
TERMINAL STRIPS
WIRE TO BOARD
CONNECTORS
CIRCULAR
CONNECTORS
IP68 CONNECTORS
PCB TERMINAL BLOCK S
158
INTERFACE
MODULES AND
RELAY BASES
PL UGGABLES
SCREWLES S
S TANDARD
PCB TERMINAL
BLOCKS
0 02
5mm pit ch inline scr e w PCB
t erminal blocks
Pr oduct o v ervie w
System provides same-side access as wire
entry
• 1 to 12 pole interlocking
• Professional rising clamp terminals
• Standard profile
• Moulded in green UL94-V0 flame
retardant PA66
• Cable acceptance - 0.5-2mm2 (24-
12AWG)
• Available in horizontal or vertical
orientations
• Double row pins for enhanced board
stability
• Useful in applications with restricted
vertical access, e.g. covered enclosures
• C
US ,
approved
SPECIFICATION
Rating
UL=20A/300V,
VDE=24A/450V
Insulation resistance
500M Ω/500V
Withstand voltage
AC2000V/1min
Contact resistance
20mΩ (max)
Working
temperature
-40°C to +105°C
Moulding
UL94-V0 flame retardant
PA66
Pin/terminal
Brass, tin plated
Cage clamp
Steel, zinc plated
Screw/torque
M2.5 steel, zinc plated 0.4Nm
Recommended PCB
hole size
ø1.4mm
CTBP90HG
PART NO.
POLES
LENG TH
CTBP90HG/2
2
12.5mm
CTBP90HG/3
3
17.5mm
CTBP90HG/4
4
22.5mm
CTBP90HG/5
5
27.5mm
CTBP90HG/6
6
32.5mm
CTBP90HG/7
7
37.5mm
CTBP90HG/8
8
42.5mm
CTBP90HG/9
9
47.5mm
CTBP90HG/10
10
52.5mm
CTBP90HG/11
11
57.5mm
CTBP90HG/12
12
62.5mm
KEY FEATURES
Inline cable entry | Int erlock mechanism | Pr of es sional rising clamp
PART NO.
POLES
LENG TH
CTBP90VG/2
2
12.5mm
CTBP90VG/3
3
17.5mm
CTBP90VG/4
4
22.5mm
CTBP90VG/5
5
27.5mm
CTBP90VG/6
6
32.5mm
CTBP90VG/7
7
37.5mm
CTBP90VG/8
8
42.5mm
CTBP90VG/9
9
47.5mm
CTBP90VG/10
10
52.5mm
CTBP90VG/11
11
57.5mm
CTBP90VG/12
12
62.5mm
CTBP90VG
Horiz ontal
Vertical
19.5
5
2.9
9.3
5
0.8
0.8
0.8
5
5.3
Vers 2


Similar Part No. - CTBP90VG/2

ManufacturerPart #DatasheetDescription
logo
CamdenBoss Ltd.
CTBP90VG/2 CAMDENBOSS-CTBP90VG/2 Datasheet
554Kb / 1P
5mm pitch inline screw PCB terminal blocks
More results

Similar Description - CTBP90VG/2

ManufacturerPart #DatasheetDescription
logo
Dubilier
DBCTB2-2 DUBILIER-DBCTB2-2 Datasheet
105Kb / 1P
TERMINAL BLOCKS 5mm PITCH VERTICAL MOUNT
DBCTB10-2 DUBILIER-DBCTB10-2 Datasheet
104Kb / 1P
TERMINAL BLOCKS 5MM PITCH 90 SCREW TERMINAL
DBCTB16-2 DUBILIER-DBCTB16-2 Datasheet
110Kb / 1P
TERMINAL BLOCKS 5mm PITCH VERTICAL MOUNT
DBCTB28-2 DUBILIER-DBCTB28-2 Datasheet
420Kb / 1P
TERMINAL BLOCKS 5mm PITCH PLUG IN
DBCTB43-2 DUBILIER-DBCTB43-2 Datasheet
104Kb / 1P
TERMINAL BLOCKS 5MM PITCH 90 SCREW TERMINAL
logo
CamdenBoss Ltd.
CSTBP500 CAMDENBOSS-CSTBP500 Datasheet
346Kb / 1P
5mm screwless terminal blocks
CTBP90HG CAMDENBOSS-CTBP90HG Datasheet
554Kb / 1P
5mm pitch inline screw PCB terminal blocks
CTBP1050 CAMDENBOSS-CTBP1050 Datasheet
415Kb / 1P
5mm pitch standard profile 90˚ screw terminal blocks
CTBP5000 CAMDENBOSS-CTBP5000 Datasheet
445Kb / 1P
5mm pitch low profile screw terminal blocks
CTBP5050 CAMDENBOSS-CTBP5050 Datasheet
415Kb / 1P
5mm pitch low profile 90° screw terminal blocks
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com