Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EL2126CS Datasheet(PDF) 12 Page - Intersil Corporation

Part # EL2126CS
Description  Ultra-Low Noise, Low Power, Wideband Amplifier
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL2126CS Datasheet(HTML) 12 Page - Intersil Corporation

Back Button EL2126CS Datasheet HTML 8Page - Intersil Corporation EL2126CS Datasheet HTML 9Page - Intersil Corporation EL2126CS Datasheet HTML 10Page - Intersil Corporation EL2126CS Datasheet HTML 11Page - Intersil Corporation EL2126CS Datasheet HTML 12Page - Intersil Corporation EL2126CS Datasheet HTML 13Page - Intersil Corporation EL2126CS Datasheet HTML 14Page - Intersil Corporation EL2126CS Datasheet HTML 15Page - Intersil Corporation EL2126CS Datasheet HTML 16Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 19 page
background image
12
FN7046.3
April 16, 2007
Typical Performance Curves (Continued)
110
86
90
94
98
102
106
82
PSRR vs Temperature
-50
0
100
150
50
Die Temperature (°C)
VS=±5V
VS=±15V
Positive Output Swing vs Temperature
-50
0
100
150
50
Die Temperature (°C)
VS=±5V
Positive Output Swing vs Temperature
-50
0
100
150
50
Die Temperature (°C)
VS=±15V
4.05
4
3.95
3.9
3.85
3.8
13.85
13.8
13.75
13.7
13.65
13.6
-3.9
-3.95
-4.05
-4.25
-4.15
-13.76
-13.78
-13.8
-13.82
Negative Output Swing vs Temperature
-50
0
100
150
50
Die Temperature (°C)
VS=±5V
Negative Output Swing vs Temperature
-50
0
100
150
50
Die Temperature (°C)
VS=±15V
-4
-4.1
-4.2
Slew Rate vs Temperature
-50
0
100
150
50
Die Temperature (°C)
102
100
96
92
88
98
94
90
VS=±5V
EL2126



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com