Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EL2126CS Datasheet(PDF) 2 Page - Intersil Corporation

Part # EL2126CS
Description  Ultra-Low Noise, Low Power, Wideband Amplifier
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL2126CS Datasheet(HTML) 2 Page - Intersil Corporation

  EL2126CS Datasheet HTML 1Page - Intersil Corporation EL2126CS Datasheet HTML 2Page - Intersil Corporation EL2126CS Datasheet HTML 3Page - Intersil Corporation EL2126CS Datasheet HTML 4Page - Intersil Corporation EL2126CS Datasheet HTML 5Page - Intersil Corporation EL2126CS Datasheet HTML 6Page - Intersil Corporation EL2126CS Datasheet HTML 7Page - Intersil Corporation EL2126CS Datasheet HTML 8Page - Intersil Corporation EL2126CS Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
2
FN7046.3
April 16, 2007
Ordering Information
Part
Number
PART
MARKING
TEMP RANGE
(°c)
Tape & Reel
Package
pkg. dWG. #
EL2126CW-T7
G
-40 to +85
7” (3K pcs)
5 Ld SOT-23
MDP0038
EL2126CW-T7A
G
-40 to +85
7” (250 pcs)
5 Ld SOT-23
MDP0038
EL2126CS
2126CS
-40 to +85
-
8 Ld SOIC
MDP0027
EL2126CS-T7
2126CS
-40 to +85
7”
8 Ld SOIC
MDP0027
EL2126CS-T13
2126CS
-40 to +85
13”
8 Ld SOIC
MDP0027
EL2126CSZ
( Note)
2126CSZ
-40 to +85
-
8 Ld SOIC
(Pb-free)
MDP0027
EL2126CSZ-T7
( Note)
2126CSZ
-40 to +85
7”
8 Ld SOIC
(Pb-free)
MDP0027
EL2126CSZ-T13 ( Note)
2126CSZ
-40 to +85
13”
8 Ld SOIC
(Pb-free)
MDP0027
EL2126CWZ-T7
(Note)
BAAH
-40 to +85
7”
5 Ld SOT-23
P5.064
EL2126CWZ-T7A
(Note)
BAAH
-40 to +85
7”
5 Ld SOT-23
P5.064
NOTE: Intersil Pb-free products employ special Pb-free material sets; molding compounds/die attach materials and 100% matte tin plate termination
finish, which are RoHS compliant and compatible with both SnPb and Pb-free soldering operations. Intersil Pb-free products are MSL classified at
Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020.
EL2126



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com