Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OM5232/FBP Datasheet(PDF) 11 Page - NXP Semiconductors

Part # OM5232/FBP
Description  CMOS single-chip 8-bit microcontroller
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

OM5232/FBP Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button OM5232/FBP Datasheet HTML 3Page - NXP Semiconductors OM5232/FBP Datasheet HTML 4Page - NXP Semiconductors OM5232/FBP Datasheet HTML 5Page - NXP Semiconductors OM5232/FBP Datasheet HTML 6Page - NXP Semiconductors OM5232/FBP Datasheet HTML 7Page - NXP Semiconductors OM5232/FBP Datasheet HTML 8Page - NXP Semiconductors OM5232/FBP Datasheet HTML 9Page - NXP Semiconductors OM5232/FBP Datasheet HTML 10Page - NXP Semiconductors OM5232/FBP Datasheet HTML 11Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
Philips Semiconductors
Product specification
OM5232
CMOS single-chip 8-bit microcontroller
December 1994
11
VDD–0.5
0.45V
0.2VDD+0.9
0.2VDD–0.1
NOTE:
AC INPUTS DURING TESTING ARE DRIVEN AT VDD–0.5 FOR A LOGIC ’1’ AND
0.45V FOR A LOGIC ’0’. TIMING MEASUREMENTS ARE MADE AT VIH MIN FOR A
LOGIC ’1’ AND VIL MAX FOR A LOGIC ’0’.
Figure 7. AC Testing Input/Output
VLOAD
VLOAD+0.1V
VLOAD–0.1V
VOH–0.1V
VOL+0.1V
NOTE:
FOR TIMING PURPOSES, A PORT IS NO LONGER FLOATING WHEN A 100MV
CHANGE FROM LOAD VOLTAGE OCCURS, AND BEGINS TO FLOAT WHEN A
100mV CHANGE FROM THE LOADED VOH/VOL LEVEL OCCURS. IOH/IOL > +
20mA.
Figure 8. Float Waveform
TIMING
REFERENCE
POINTS
VDD
P0
EA
RST
XTAL1
XTAL2
VSS
VDD
VDD
VDD
IDD
(NC)
CLOCK SIGNAL
Figure 9. IDD Test Condition, Active Mode
All other pins are disconnected
VDD
P0
RST
XTAL1
XTAL2
VSS
VDD
VDD
IDD
(NC)
CLOCK SIGNAL
P1.6
P1.7
P1.6
P1.7
EA
*
*
*
*
Figure 10. IDD Test Condition, Idle Mode
All other pins are disconnected
VDD
P0
RST
XTAL1
XTAL2
VSS
VDD
VDD
IDD
(NC)
Figure 11. IDD Test Condition, Power Down Mode
All other pins are disconnected. VDD = 2V to 5.5V
P1.6
P1.7
EA
*
*
NOTE:
*
Ports 1.6 and 1.7 should be connected to VCC through resistors of sufficiently high value such that the sink current into these pins does not
exceed the IOL1 specification.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com